Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2211-2.8/3.0BML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2211-2.8/3.0BML
Description  Dual UCap LDO in 3mm 횞 3mm MLF?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2211-2.8/3.0BML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2211-2.8/3.0BML Datasheet HTML 1Page - Micrel Semiconductor MIC2211-2.8/3.0BML Datasheet HTML 2Page - Micrel Semiconductor MIC2211-2.8/3.0BML Datasheet HTML 3Page - Micrel Semiconductor MIC2211-2.8/3.0BML Datasheet HTML 4Page - Micrel Semiconductor MIC2211-2.8/3.0BML Datasheet HTML 5Page - Micrel Semiconductor MIC2211-2.8/3.0BML Datasheet HTML 6Page - Micrel Semiconductor MIC2211-2.8/3.0BML Datasheet HTML 7Page - Micrel Semiconductor MIC2211-2.8/3.0BML Datasheet HTML 8Page - Micrel Semiconductor MIC2211-2.8/3.0BML Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
August 2004
1
M9999-080204
MIC2211
Micrel
MIC2211
Dual
µµµµµCap LDO in 3mm ××××× 3mm MLF™
General Description
The MIC2211 is a dual
µCap, low dropout regulator. The first
regulator is capable of sourcing 150mA, while the second
regulator can source up to 300mA.
Ideal for battery operated applications, the MIC2211 offers
1% accuracy, extremely low dropout voltage (80mV @
100mA), and extremely low ground current, only 48
µA total.
Equipped with TTL logic compatible enable pins, the MIC2211
can be put into a zero-off-mode current state, drawing no
current when disabled. Separate enable pins allow individual
control of each output voltage.
The MIC2211 is a
µCap design, operating with very small
ceramic output capacitors for stability, reducing required
board space and component cost.
The MIC2211 is available in fixed output voltages in the
10-pin 3mm
× 3mm MLF™ leadless package.
Typical Application
VIN
EN1
OFF ON
OFF ON
EN2
CBYP
Baseband
µProcessor
VOUT1
VI/O
VOUT2
0.01
µF
1
µF
Ceramic
1
µF
VCORE
GND
MIC2211-xxBML
MIC2211 Typical Cell Phone Application
Features
• Input voltage range: 2.25V to 5.5V
• Stable with ceramic output capacitor
• 2 LDO outputs
• Output 1 - 150mA output current
• Output 2 - 300mA output current
• Low dropout voltage of 80mV @ 100mA
• Ultra-low quiescent current of 48
µµµµµA total (24µµµµµA/LDO)
• High output accuracy:
• +1.0% initial accuracy
• +2.0% over temperature
• Thermal shutdown protection
• Current limit protection
• Tiny 10-pin 3mm
××××× 3mm MLF™ package
Applications
• Cellular phones
• Wireless modems
• PDAs
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
MicroLeadFrame and MLF are trademarks of Amkor Technology, Inc.


Similar Part No. - MIC2211-2.8/3.0BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2210 MICREL-MIC2210 Datasheet
744Kb / 12P
Dual Cap LDO with Open-Drain Driver
MIC2210 MICREL-MIC2210 Datasheet
1,005Kb / 11P
Dual 關Cap LDO with Open-Drain Driver
MIC2210-1.5/2.8BML MICREL-MIC2210-1.5/2.8BML Datasheet
1,005Kb / 11P
Dual 關Cap LDO with Open-Drain Driver
MIC2210-1.6YML MICREL-MIC2210-1.6YML Datasheet
744Kb / 12P
Dual Cap LDO with Open-Drain Driver
MIC2210-1.8 MICREL-MIC2210-1.8 Datasheet
744Kb / 12P
Dual Cap LDO with Open-Drain Driver
More results

Similar Description - MIC2211-2.8/3.0BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
Dual, 300mA UCap LDO in 2mm x 2mm MLF
logo
Linear Technology
LTC2641 LINER-LTC2641 Datasheet
303Kb / 20P
16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211_07 Datasheet
261Kb / 9P
Dual Low Noise LDO in 3mm횞3mm MLF
logo
Linear Technology
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LTC4413-1 LINER-LTC4413-1 Datasheet
195Kb / 16P
Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes in 3mm 횞 3mm DFN
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
MAIN/CAM LED Controller in 3mm 횞 3mm QFN
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com