Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TTP933 Datasheet(PDF) 21 Page - Tontek Design Technology

Part # TTP933
Description  1.5A LED Driver with internal switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP933 Datasheet(HTML) 21 Page - Tontek Design Technology

Back Button TTP933 Datasheet HTML 17Page - Tontek Design Technology TTP933 Datasheet HTML 18Page - Tontek Design Technology TTP933 Datasheet HTML 19Page - Tontek Design Technology TTP933 Datasheet HTML 20Page - Tontek Design Technology TTP933 Datasheet HTML 21Page - Tontek Design Technology TTP933 Datasheet HTML 22Page - Tontek Design Technology TTP933 Datasheet HTML 23Page - Tontek Design Technology TTP933 Datasheet HTML 24Page - Tontek Design Technology TTP933 Datasheet HTML 25Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Preliminary
TTP933
2013/08/23
Page:21—25
Ver.:1.2
Where
L is the coil inductance
rL is the coil resistance
RS is the current sense resistance
Iavg is the required LED current
∆I is the coil peak-peak ripple current {Internally set to 0.3 x Iavg}
VIN is the supply voltage
VLED is the total LED forward voltage
RSW is the switch resistance
VD is the diode forward voltage at the required load current
Diode selection :
For maximum efficiency and performance, the rectifier (D1) should be a fast low capacitance
Schottky diode with low reverse leakage at the maximum operating voltage and temperature.
They also provide better efficiency than silicon diodes, due to a combination of lower forward
voltage and reduced recovery time. It is important to select parts with a peak current rating above
the peak coil current and a continuous current rating higher than the maximum output load current. It
is very important to consider the reverse leakage of the diode when operating above 85°C. Excess
leakage will increase the power dissipation in the device and if close to the load may create a thermal
runaway condition. The higher forward voltage and overshoot due to reverse recovery time in silicon
diodes will increase the peak voltage on the SW output. If a silicon diode is used, care should be taken
to ensure that the total voltage appearing on the SW pin including supply ripple, does not exceed the
specified maximum value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com