Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TTP933 Datasheet(PDF) 3 Page - Tontek Design Technology

Part # TTP933
Description  1.5A LED Driver with internal switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP933 Datasheet(HTML) 3 Page - Tontek Design Technology

  TTP933 Datasheet HTML 1Page - Tontek Design Technology TTP933 Datasheet HTML 2Page - Tontek Design Technology TTP933 Datasheet HTML 3Page - Tontek Design Technology TTP933 Datasheet HTML 4Page - Tontek Design Technology TTP933 Datasheet HTML 5Page - Tontek Design Technology TTP933 Datasheet HTML 6Page - Tontek Design Technology TTP933 Datasheet HTML 7Page - Tontek Design Technology TTP933 Datasheet HTML 8Page - Tontek Design Technology TTP933 Datasheet HTML 9Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Preliminary
TTP933
2013/08/23
Page:3—25
Ver.:1.2
.
Package type
TTP933-JO8
DIM
EN
5 GND
GND
TTP933-FA6
SOT23-6
6
SEN
SW
VIN
4
DIM 3
2
1
TTP933-GG5
VIN
SEN
GND
DIM
5
SW
1
SOT89-5
4
3
2
TO-252
TTP933-HE5
SOP-8
GND
DGND
SW
SW
SEN
VIN
8
7
6
5
4
3
2
1
SOP-8
GND
DGND
SW
SW
EN
DIM
SEN
VIN
TTP933-DO8
8
7
6
5
4
3
2
1
DGND
GND
SOP-8
TTP933-CO8
8
7
6
5
SW
DIM
SEN
4
3
2
1
VIN
5
GND
SEN
SW
VIN
4
TTP933-EA5
SOT23-5
DIM 3
2
1
DGND
GND
MSOP-8
TTP933-BM8
8
7
6
5
SW
DIM
SEN
4
3
2
1
VIN
TTP933-BM8: MSOP8 (with Thermal Pad)
TTP933-CO8: SOP8 (with Thermal Pad)
TTP933-DO8: SOP8 (with Thermal Pad)
TTP933-EA5: SOT23-5
TTP933-FA6: SOT23-6
TTP933-GG5: SOT89-5
TTP933-HE5: TO252-5
TTP933-JO8: SOP8 (with Thermal Pad)
.
Pin Description
Pin Name
Pin Description
SW
Drain of NDMOS switch
GND
Ground pad
DGND
Source of NDMOS
DIM
Dimming control pad
SEN
ISENSE Connect resistor RS from this pin to VIN to define nominal average
output current
VIN
Power pad
EN
Enable control signal, H:Active , L:Power down, Built-in pull high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com