Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BCM4390 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # BCM4390
Description  WICED??Wi-Fi IEEE 802.11 b/g/n SoC with Embedded Application Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4390 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button BCM4390 Datasheet HTML 2Page - Cypress Semiconductor BCM4390 Datasheet HTML 3Page - Cypress Semiconductor BCM4390 Datasheet HTML 4Page - Cypress Semiconductor BCM4390 Datasheet HTML 5Page - Cypress Semiconductor BCM4390 Datasheet HTML 6Page - Cypress Semiconductor BCM4390 Datasheet HTML 7Page - Cypress Semiconductor BCM4390 Datasheet HTML 8Page - Cypress Semiconductor BCM4390 Datasheet HTML 9Page - Cypress Semiconductor BCM4390 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
Table of Contents
BCM4390 Advance Data Sheet
BROADCOM
WICED Wi-Fi IEEE 802.11 SoC w/Embedded App Processor
February 5, 2014 • 4390-DS103-R
Page 5
®
BROADCOM CONFIDENTIAL
UART Interface .............................................................................................................................................28
JTAG Interfaces .............................................................................................................................................29
Boot Sequence..............................................................................................................................................29
Section 7: Wireless LAN MAC and PHY............................................................................. 30
IEEE 802.11n MAC.........................................................................................................................................30
Programmable State Machine........................................................................................................31
Wired Equivalent Privacy................................................................................................................32
Transmit Engine ..............................................................................................................................32
Receive Engine................................................................................................................................32
Interframe Space ............................................................................................................................32
Timing Synchronization Function ...................................................................................................33
Network Allocation Vector .............................................................................................................33
MAC-PHY Interface .........................................................................................................................33
IEEE 802.11n PHY..........................................................................................................................................33
Section 8: WLAN Radio Subsystem .................................................................................. 36
Receiver Path................................................................................................................................................36
Transmit Path ...............................................................................................................................................37
Calibration ....................................................................................................................................................37
Section 9: Pinout and Signal Descriptions ........................................................................ 38
Ball Maps ......................................................................................................................................................38
Pin Lists .........................................................................................................................................................39
Signal Descriptions .......................................................................................................................................47
I/O States ......................................................................................................................................................52
Section 10: DC Characteristics ......................................................................................... 55
Absolute Maximum Ratings .........................................................................................................................55
Environmental Ratings .................................................................................................................................56
Electrostatic Discharge Specifications .........................................................................................................56
Recommended Operating Conditions and DC Characteristics....................................................................56
Section 11: WLAN RF Specifications................................................................................. 58
Introduction..................................................................................................................................................58
2.4 GHz Band General RF Specifications ......................................................................................................59
WLAN 2.4 GHz Receiver Performance Specifications..................................................................................59
WLAN 2.4 GHz Transmitter Performance Specifications.............................................................................62
General Spurious Emissions Specifications..................................................................................................63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com