Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S6E2C5 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # S6E2C5
Description  32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E2C5 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button S6E2C5 Datasheet HTML 35Page - Cypress Semiconductor S6E2C5 Datasheet HTML 36Page - Cypress Semiconductor S6E2C5 Datasheet HTML 37Page - Cypress Semiconductor S6E2C5 Datasheet HTML 38Page - Cypress Semiconductor S6E2C5 Datasheet HTML 39Page - Cypress Semiconductor S6E2C5 Datasheet HTML 40Page - Cypress Semiconductor S6E2C5 Datasheet HTML 41Page - Cypress Semiconductor S6E2C5 Datasheet HTML 42Page - Cypress Semiconductor S6E2C5 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 200 page
background image
Document Number: 002-04984 Rev.*A
Page 39 of 200
S6E2C5 Series
Module
Pin name
Function
Pin No
LQQ
216
LQP
176
LQS
144
LBE
192
External
Bus
MAD00_0
External bus interface address bus
81
66
56
J6
MAD01_0
82
67
57
L8
MAD02_0
83
68
58
K8
MAD03_0
84
69
59
J8
MAD04_0
91
76
60
K9
MAD05_0
92
77
61
P10
MAD06_0
93
78
62
N10
MAD07_0
96
79
63
L10
MAD08_0
97
80
64
K10
MAD09_0
98
81
65
M10
MAD10_0
142
116
92
G10
MAD11_0
143
117
93
G9
MAD12_0
144
118
94
F10
MAD13_0
145
119
95
F11
MAD14_0
146
120
96
F12
MAD15_0
147
121
97
F13
MAD16_0
152
122
98
E10
MAD17_0
153
123
99
E11
MAD18_0
154
124
100
E12
MAD19_0
50
40
35
L1
MAD20_0
49
39
34
K4
MAD21_0
48
38
33
K3
MAD22_0
47
37
32
K2
MAD23_0
46
36
31
K1
MAD24_0
45
35
30
J2
MCSX0_0
External bus interface chip select
output pin
71
56
48
M5
MCSX1_0
70
55
47
L5
MCSX2_0
61
51
43
N4
MCSX3_0
60
50
42
M4
MCSX4_0
59
49
41
L4
MCSX5_0
58
48
40
M3
MCSX6_0
57
47
39
N3
MCSX7_0
56
46
38
N2
MCSX8_0
88
73
-
P9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com