Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV6412A Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV6412A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV6412A Datasheet HTML 3Page - STMicroelectronics STV6412A Datasheet HTML 4Page - STMicroelectronics STV6412A Datasheet HTML 5Page - STMicroelectronics STV6412A Datasheet HTML 6Page - STMicroelectronics STV6412A Datasheet HTML 7Page - STMicroelectronics STV6412A Datasheet HTML 8Page - STMicroelectronics STV6412A Datasheet HTML 9Page - STMicroelectronics STV6412A Datasheet HTML 10Page - STMicroelectronics STV6412A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
STV6412A
7/24
2 ELECTRICAL CHARACTERISTICS
2.1 Absolute Maximum Ratings
2.1.1 Thermal Data
2.1.2 Latch Up
At an ambiant temperature of 25 °C, all pins meet the following specifications:
– I trigger = 200 mA or I trigger = 200 mA.
– Pin 58 (IT_OUT) does not meet this specification and the trigger current must be limited to -100 mA.
2.2 Recommended Operating Conditions
Tamb =25°C, VCCAO = 12 V, VCC = 5 V, VCC12 = 12 V, VDD = 5 V
RGA = 600 Ω, RLOUTA = 10 kΩ, RGV = 50 Ω, RLOUTV = 150 Ω, unless otherwise specified.
Table 1. Supply Voltages
Table 2. Active Mode (All channels ON)
Symbol
Parameter
Value
Units
VCC12
Supply voltage for:
- Slow blanking sections
13.2
V
VCCAO
- Audio drivers
13.2
V
VCCA
- Internal Digital Audio parts
10
V
VDD
- Digital parts
6
V
Vcc, VCCBi
- Video sections
6
V
VI
Voltage at Pin I to GND:
- Audio pins
0, VCCA
V
- Video pins
0, VCC or VCCBi
V
- Bus pins
0, 5.5
V
- Slow blanking pins
0, VCC12
V
VESD
Maximum ESD voltage allowed. 100 pF capacitor discharged
through 1.5 k
Ω serial resistor (Human Body Model)
±4
kV
Toper
Operating Ambient Temperature
0, +70
°C
Tstg
Storage Temperature
-20, +150
°C
Symbol
Parameter
Value
Units
Rth(j-a)
Junction-ambient Thermal Resistance (Maximum)
48
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VDD
Digital Supply Voltage
4.75
5
5.25
V
VCCAO
Audio Operating Supply Voltage
- Decoupling capacitor on VCCA
- Connected to VCCA
11.2
8.5
12
9
12.8
9.5
V
V
VCC
Video Operating Supply Voltage
4.75
5
5.25
V
VCC12
Slow Blanking Control Supply Voltage
11.2
12
12.8
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
IDD
Digital Supply Current
VDD = 5 V
4.5
10
mA
ICCA
Audio Supply Current
VCCAO = 12 V, no load
9
15
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com