Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV6412A Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV6412A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV6412A Datasheet HTML 6Page - STMicroelectronics STV6412A Datasheet HTML 7Page - STMicroelectronics STV6412A Datasheet HTML 8Page - STMicroelectronics STV6412A Datasheet HTML 9Page - STMicroelectronics STV6412A Datasheet HTML 10Page - STMicroelectronics STV6412A Datasheet HTML 11Page - STMicroelectronics STV6412A Datasheet HTML 12Page - STMicroelectronics STV6412A Datasheet HTML 13Page - STMicroelectronics STV6412A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
STV6412A
10/24
Note 1: S/N = 20 log (VOUT Black to White = 0.7 VPP / VNoise (mVRMS) weighted CCIR 567).
2.5 Chroma Section Characteristics
Tamb =25°C, VCCAO = 12 V, VCC = 5 V, VCC12 = 12 V, VDD = 5 V
RGA = 600 Ω, RLOUTA = 10 kΩ, RGV = 50 Ω, RLOUTV = 150 Ω, unless otherwise specified.
Table 6. Chroma Section Characteristics
2.6 Blanking Section
Tamb =25°C, VCCAO = 12 V, VCC = 5 V, VCC12 = 12 V, VDD = 5 V
RGA = 600 Ω, RLOUTA = 10 kΩ, RGV = 50 Ω, RLOUTV = 150 Ω, unless otherwise specified.
Table 7. Slow Blanking Section
DCOUT
DC Output Voltage
Bottom sync pulse
0.6
V
DCOUT RF RF Output Voltage
Bottom sync pulse
1
V
DPHI
Differential Phase
VIN = 1 VPP at f = 4.43 MHz
1
5
° deg.
DG
Differential Gain
VIN = 1 VPP at f = 4.43 MHz
1
5
%
Mute
Mute Suppression
VIN = 1 VPP at f = 5 MHz on one
point
-55
dB
LNL
Luminance non-linerarity
0.3
3
%
VSN
Video S/N Ratio
Refer to Note 1
65
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Units
VDCIN
DC Input Level
3
V
RIN
Input Resistance
30
50
k
Ω
CIN
Input Capacitance
2
pF
VIN
Max Input Signal
1.5
VPP
DYN
Dynamic Output Signal
3
VPP
DCOUT
DC Output VCR Voltage
2.2
V
CBW
Chroma Bandwidth
CIN = 1 VPP at -3 db
10
MHz
CTi
Crosstalk Isolation between Input
Channel
VIN = 1 VPP at f = 4.43 MHz,
on one input
55
dB
CTo
Crosstalk Isolation between Output
Channel
VIN = 1 VPP at f = 4.43 MHz,
on one input, RLOAD = 150 Ω
50
dB
ROUT
Output Resistance
5
10
W
GOUTC
Gain at OUTC
VIN = 1 Vpp
5.5
6
6.5
dB
GCM
Gain matching between C inputs
VIN = 1 VPP
-0.5
0
0.5
dB
Mute
Mute Suppression
VIN = 1 VPP at f = 4.43 MHz,
on one input
-55
dB
CToYdel
Chroma to luma delay, source Y/C
Pin other than VOUT_RF,
VPP @ 4.43 MHz,
20
ns
CToYdel
Chroma to luma delay, source Y/C
Pin VOUT_RF
20
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Units
INPUT MODE
SLBlow
Input Low Level Threshold
2.5
3.25
4
V
SLBhigh
Input High Level Threshold
7.5
8.25
9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com