Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7416 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7416
Description  CARRADIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7416 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7416 Datasheet HTML 3Page - STMicroelectronics TDA7416 Datasheet HTML 4Page - STMicroelectronics TDA7416 Datasheet HTML 5Page - STMicroelectronics TDA7416 Datasheet HTML 6Page - STMicroelectronics TDA7416 Datasheet HTML 7Page - STMicroelectronics TDA7416 Datasheet HTML 8Page - STMicroelectronics TDA7416 Datasheet HTML 9Page - STMicroelectronics TDA7416 Datasheet HTML 10Page - STMicroelectronics TDA7416 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7/27
TDA7416
trepeat
Spectrum Analyzer Repeat Time
50
ms
tintres
Internal Reset Time
3
ms
HPF2
VTH
Zero Crossing Threshold
±20
mV
EMAX
Max. Effect
22
dB
EMIN
Min. Effect
4dB
ESTEP
Step Resolution
1.5
2
2.5
dB
SPEAKER ATTENUATORS
Rin
Input Impedance
35
50
65
k
Ω
GMAX
Max. Gain
13
15
17
dB
AMAX
Max. Attenuation
-83
-79
-75
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
AMUTE
Output Mute Attenuation
80
90
dB
EE
Attenuation Set Error
3dB
VDC
DC Steps
Adjacent Attenuation Steps
0.5
5
mV
MR
Mixing Ratio
Signal/MixIn
50/50
%
AUDIO OUTPUTS
VCLIP
Clipping Level
Thd=0.3%
1.8
2.2
VRMS
RL
Output Load Resistance
2
k
Ω
CL
Output Load Capacitance
10
nF
ROUT
Output Impedance
30
120
Ω
VDC
DC Voltage Level
4.3
4.5
4.7
V
HIGH PASS
fHP
Highpass corner frequency
fHP1
81
90
99
Hz
fHP2
122
135
148
Hz
fHP3
162
180
198
Hz
fHP4
194
215
236
Hz
SUBWOOFER ATTENUATOR
Rin
Input Impedance
35
50
65
k
Ω
GMAX
Max. Gain
14
15
16
dB
AATTN
Max. Attenuation
-83
-79
-75
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
AMUTE
Output Mute Attenuation
80
90
dB
EE
Attenuation Set Error
2dB
VDC
DC Steps
Adjacent Attenuation Steps
1
5
mV
SUBWOOFER Lowpass
fLP
Lowpass corner frequency
fLP1
72
80
88
Hz
fLP2
108
120
132
Hz
fLP3
144
160
176
Hz
Table 1. ELECTRICAL CHARACTERISTICS (continued)
(VS=9V; Tamb=25°C; RL=10kΩ; all gains=0dB; f=1kHz; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com