Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7416 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7416
Description  CARRADIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7416 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7416 Datasheet HTML 5Page - STMicroelectronics TDA7416 Datasheet HTML 6Page - STMicroelectronics TDA7416 Datasheet HTML 7Page - STMicroelectronics TDA7416 Datasheet HTML 8Page - STMicroelectronics TDA7416 Datasheet HTML 9Page - STMicroelectronics TDA7416 Datasheet HTML 10Page - STMicroelectronics TDA7416 Datasheet HTML 11Page - STMicroelectronics TDA7416 Datasheet HTML 12Page - STMicroelectronics TDA7416 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9/27
TDA7416
1.1.1 Pseudo-differential stereo Input (IN1)
The IN1-input is implemented as a buffered pseudo-differential stereo stage with 100k
Ω input-impedance
at each input pin. This input is also configurable as single-ended stereo input . The common input-pin, IN1-
features a fast charge switch to speed up the charge time of external capacitors.- This switch is released
the first time the input-selector data-byte (0) is assessed.
1.1.2 Single-ended stereo Inputs
All single ended inputs have an input impedance of 100k
Ω.
1.2 AutoZero
The AutoZero allows a reduction of the number of pins as well as external components by canceling any
offset generated by or before the In-Gain-stage (Please notice that externally generated offsets, e.g. gen-
erated through the leakage current of the coupling capacitors, are not canceled).
The auto-zeroing is started every time the DATA-BYTE 0 is selected and needs max. 0.3ms for the align-
ment. To avoid audible clicks the Audioprocessor have to be muted by softmute or hard mute during this
time.
1.2.1 AutoZero-Remain
In some cases, for example if the µP is executing a refresh cycle of the IIC-Bus-programming, it is not
useful to start a new AutoZero-action because no new source is selected and an undesired mute would
appear at the out-puts. For such applications the TDA7416 could be switched in the AutoZero-Remain-
Mode (Bit 6(I1) of the subad-dress-byte). If this bit is set to high, the DATABYTE 0 could be loaded without
invoking the AutoZero and the old adjustment-value remains.
1.3 Loudness
There are four parameters programmable in the loudness stage:
1.3.1 Attenuation
Figure 2 shows the attenuation as a function of frequency at fP = 400Hz
Figure 2. Loudness Attenuation @ fP = 400Hz.
dB
Hz
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
10.0
100.0
1.0K
10.0K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com