Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8922TH Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA8922TH
Description  2 x 25 W class-D power amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922TH Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA8922TH Datasheet HTML 12Page - NXP Semiconductors TDA8922TH Datasheet HTML 13Page - NXP Semiconductors TDA8922TH Datasheet HTML 14Page - NXP Semiconductors TDA8922TH Datasheet HTML 15Page - NXP Semiconductors TDA8922TH Datasheet HTML 16Page - NXP Semiconductors TDA8922TH Datasheet HTML 17Page - NXP Semiconductors TDA8922TH Datasheet HTML 18Page - NXP Semiconductors TDA8922TH Datasheet HTML 19Page - NXP Semiconductors TDA8922TH Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
2003 Mar 20
16
Philips Semiconductors
Objective specification
2
× 25 W class-D power amplifier
TDA8922
16 APPLICATION INFORMATION
16.1
BTL application
When using the power amplifier in a mono BTL application
(for more output power), the inputs of both channels must
be connected in parallel and the phase of one of the inputs
must be inverted (see Fig.6). In principle the loudspeaker
can be connected between the outputs of the two
single-ended demodulation filters.
16.2
Pin MODE
For correct operation the switching voltage at pin MODE
should be debounced. If pin MODE is driven by a
mechanical switch an appropriate debouncing low-pass
filter should be used. If pin MODE is driven by an
electronic circuit or microcontroller then it should remain at
the mute voltage level for at least 100 ms before switching
back to the standby voltage level.
16.3
Output power estimation
The output power in several applications (SE and BTL)
can be estimated using the following expressions:
SE:
Maximum current:
should not exceed 4 A.
BTL:
Maximum current:
should not exceed 4 A.
Legend:
RL = load impedance
fosc = oscillator frequency
tmin = minimum pulse width (typical 190 ns)
VP = single-sided supply voltage (so, if supply is ±30 V
symmetrical, then VP =30V)
Po(1%) = output power just at clipping
Po(10%) = output power at THD = 10%
Po(10%) = 1.25 × Po(1%).
16.4
External clock
The minimum required symmetrical supply voltage for
external clock application is
±15 V (equally, the minimum
asymmetrical supply voltage for applications with an
external clock is 30 V).
When using an external clock the following accuracy of the
duty cycle of the external clock has to be taken into
account: 47.5% <
δ < 52.5%.
A possible solution for an external clock oscillator circuit is
illustrated in Fig.8.
P
o(1%)
R
L
R
L
0.6
+
---------------------
V
P
1t
min
f
osc
×
–
()
×
×
2
2R
L
×
------------------------------------------------------------------------------------------
=
I
o(peak)
V
P
1t
min
f
osc
×
–
()
×
R
L
0.6
+
-----------------------------------------------------
=
P
o(1%)
R
L
R
L
1.2
+
---------------------
2V
P
1t
min
f
osc
×
–
()
×
×
2
2R
L
×
---------------------------------------------------------------------------------------------
=
I
o(peak)
2V
P
1t
min
f
osc
×
–
()
×
R
L
1.2
+
---------------------------------------------------------
=
handbook, full pagewidth
1
14
7
2
11
13
10
4
5
6
89
12
3
CTC
0
−
0
+
ASTAB
−
ASTAB
+
−TRIGGER
+TRIGGER
RETRIGGER
MR
220
nF
5.6 V
4.3 V
HOP
GND
MBL468
HEF4047BT
VDD
360 kHz
320 kHz
VDDA
VSS
9.1 k
Ω
2 k
Ω
120 pF
RTC
CLOCK
RCTC
Fig.8 External oscillator circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com