Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8922TH Datasheet(PDF) 25 Page - NXP Semiconductors

Part # TDA8922TH
Description  2 x 25 W class-D power amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922TH Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button TDA8922TH Datasheet HTML 21Page - NXP Semiconductors TDA8922TH Datasheet HTML 22Page - NXP Semiconductors TDA8922TH Datasheet HTML 23Page - NXP Semiconductors TDA8922TH Datasheet HTML 24Page - NXP Semiconductors TDA8922TH Datasheet HTML 25Page - NXP Semiconductors TDA8922TH Datasheet HTML 26Page - NXP Semiconductors TDA8922TH Datasheet HTML 27Page - NXP Semiconductors TDA8922TH Datasheet HTML 28Page - NXP Semiconductors TDA8922TH Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
2003 Mar 20
25
Philips Semiconductors
Objective specification
2
× 25 W class-D power amplifier
TDA8922
handbook, halfpage
MGX330
α
cs
(dB)
−80
−100
−60
−20
−40
0
fi (Hz)
10
102
103
104
105
(2)
(1)
Fig.22 Channel separation as a function of input
frequency.
2
× 8 Ω SE; VP = ±20 V.
(1) Po =1W.
(2) Po =10W.
handbook, halfpage
MGX331
α
cs
(dB)
−80
−100
−60
−20
−40
0
fi (Hz)
10
102
103
104
105
(2)
(1)
Fig.23 Channel separation as a function of input
frequency.
2
× 4 Ω SE; VP = ±15 V.
(1) Po =1W.
(2) Po =10W.
handbook, halfpage
MGX340
G
(dB)
25
20
30
40
35
fi (Hz)
10
102
103
104
105
(1)
(2)
(3)
Fig.24 Gain as a function of input frequency.
Vi = 100 mV; Rs = 5.6 kΩ; Ci = 330 pF.
(1) 1
× 8 Ω BTL, VP = ±15 V.
(2) 2
× 8 Ω SE, VP = ±20 V.
(3) 2
× 4 Ω SE, VP = ±15 V.
handbook, halfpage
MGX341
G
(dB)
25
20
30
40
35
fi (Hz)
10
102
103
104
105
(1)
(2)
(3)
Fig.25 Gain as a function of input frequency.
Vi = 100 mV; Rs =0kΩ.
(1) 1
× 8 Ω BTL, VP = ±15 V.
(2) 2
× 8 Ω SE, VP = ±20 V.
(3) 2
× 4 Ω SE, VP = ±15 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com