Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM3243EESS Datasheet(PDF) 3 Page - Union Semiconductor, Inc.

Part # UM3243EESS
Description  Low Supply Current, 3V to 5.5V, 250kbps, 3-Driver/5-Receiver, Enhanced ESD Protection Smart RS-232 Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3243EESS Datasheet(HTML) 3 Page - Union Semiconductor, Inc.

  UM3243EESS Datasheet HTML 1Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 2Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 3Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 4Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 5Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 6Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 7Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 8Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
http://www.union-ic.com Rev.01 Mar.2015
3/22
UM3243
Electrical Characteristics
(VCC=+3.0V to +5.5V, C1- C4=0.1μF, TA=TMIN to TMAX, unless otherwise noted. Typical values are at
TA=25°C)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DC CHARACTERISTICS (VCC=+3.3V or +5V, TA=25°C)
Supply Voltage
VCC=3.3V
3.0
3.3
3.6
V
VCC=5.0V
4.5
5.0
5.5
Supply Current,
Auto Power-Off
ICC
All RIN_ Open,
FORCEON=GND,
FORCEOFF
_____________________
=VCC
0.1
10
μA
Supply Current,
Forced Power-Off
FORCEOFF
_____________________
=GND
0.1
10
μA
Supply Current,
Normal
FORCEON=FORCEOFF
_____________________
=VCC,
Other Input NC,
All Outputs with No Load
0.6
1.0
mA
LOGIC INPUTS
Input Logic
Threshold Low
TIN_, FORCEON, FORCEOFF
_____________________
0.8
V
Input Logic
Threshold High
TIN_,
FORCEON,
FORCEOFF
_____________________
VCC=3.3V
2.0
V
VCC=5.0V
2.4
Input Hysteresis
Vhys
0.2
V
Input Leakage
Current
IIL
FORCEON, FORCEOFF
_____________________
±0.01
±1.0
μA
TIN_
Transmitter
Disabled
±0.01
±1.0
μA
Transmitter
Enabled
±1
±5
μA
LOGIC OUTPUTS
Output Voltage
Low
VOL
INVALID
_________________
,
ROUT2B,
ROUT_
IOL=1.6mA
0.4
V
Output Voltage
High
VOH
IOH=-1.0mA
VCC-0.6
VCC-0.1
V
Output Leakage
Current
IOL
ROUT_
Receivers
Disabled,
Connected to
VCC or GND
±0.05
±10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com