Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM3243EESS Datasheet(PDF) 8 Page - Union Semiconductor, Inc.

Part # UM3243EESS
Description  Low Supply Current, 3V to 5.5V, 250kbps, 3-Driver/5-Receiver, Enhanced ESD Protection Smart RS-232 Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3243EESS Datasheet(HTML) 8 Page - Union Semiconductor, Inc.

Back Button UM3243EESS Datasheet HTML 4Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 5Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 6Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 7Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 8Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 9Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 10Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 11Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 12Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
http://www.union-ic.com Rev.01 Mar.2015
8/22
UM3243
Typical Operating Characteristics
(VCC=+3.3V, 0.47μF capacitors, all transmitters loaded with 3kΩ and CL, TA=25°C, unless otherwise
noted.)
-8
-6
-4
-2
0
2
4
6
8
2.4
2.9
3.4
3.9
4.4
4.9
5.4
Supply Voltage (V)
Transmitter Output Voltage vs. Supply Voltage
VOUT+
VOUT-
15
20
25
30
35
2.4
2.9
3.4
3.9
4.4
4.9
5.4
Supply Voltage (V)
Supply Current vs. Supply Voltage
-8
-6
-4
-2
0
2
4
6
8
0
500
1000
1500
2000
2500
3000
Load Capacitance (pF)
Transmitter Output Voltage vs. Load Capacitance
VOUT+
VOUT-
0
5
10
15
20
25
30
35
40
45
50
0
500
1000
1500
2000
2500
3000
Load Capacitance (pF)
Slew Rate vs. Load Capacitance
+Slew
-Slew
10
12
14
16
18
20
22
24
26
0
500
1000
1500
2000
2500
3000
Load Capacitance (pF)
Supply Current vs. Load Capacitance
20K
120K
250K
-8
-6
-4
-2
0
2
4
6
8
2.4
2.9
3.4
3.9
4.4
4.9
5.4
Supply Voltage (V)
V+, V- vs. Supply Voltage
V+
V-
Transmitting at 250kbps
CL=1000pF
Transmitting at 250kbps
CL=1000pF
Transmitting at 250kbps
CL=1000pF
Transmitting at 20kbps
Transmitting at 20kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com