Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN3067LW Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN3067LW
Description  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3067LW Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN3067LW Datasheet HTML 1Page - Diodes Incorporated DMN3067LW Datasheet HTML 2Page - Diodes Incorporated DMN3067LW Datasheet HTML 3Page - Diodes Incorporated DMN3067LW Datasheet HTML 4Page - Diodes Incorporated DMN3067LW Datasheet HTML 5Page - Diodes Incorporated DMN3067LW Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN3067LW
Document number: DS36640 Rev. 4 - 2
4 of 6
www.diodes.com
March 2014
© Diodes Incorporated
DMN3067LW
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
-50
-25
0
25
50
75
100 125 150
T , JUNCTION TEMPERATURE ( C)
Figure 7 On-Resistance Variation with Temperature
J
V
= 4.0V
I= 2.0A
GS
D
V=
V
I= 1.0A
GS
D
2.5
0.4
0.6
0.8
1
1.2
1.4
1.6
-50-25
0
25
50
75100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 8 Gate Threshold Variation vs. Ambient Temperature
J
I= 1mA
D
I = 250µA
D
0
1
2
3
4
5
6
7
8
9
10
0
0.3
0.6
0.9
1.2
1.5
V , SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
T= -55°C
A
T= 25°C
A
T= 85°C
A
T = 125°C
A
T = 150°C
A
10
100
1000
0
5
10
15
20
25
30
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
Ciss
f = 1MHz
Coss
Crss
0
2
4
6
8
10
02
468
10
12
Q(nC)
g, TOTAL GATE CHARGE
Figure 11 Gate Charge
V
= 15V
I=
A
DS
D
2.5
V , DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
DS
R
Limited
DS(on)
0.001
0.01
0.1
1
10
100
0.1
1
10
100
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P = 10ms
W
P = 1ms
W
P = 100µs
W
T
= 150°C
T = +25°C
J(max)
A
V
= 4.5V
Single Pulse
GS
DUT on 1 * MRP Board



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com