Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2811PBKA Datasheet(PDF) 127 Page - Texas Instruments

Part # TMP320F2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2811PBKA Datasheet(HTML) 127 Page - Texas Instruments

Back Button TMP320F2811PBKA Datasheet HTML 123Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 124Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 125Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 126Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 127Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 128Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 129Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 130Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 147 page
background image
Electrical Specifications
127
June 2004
SPRS257
6.29 On-Chip Analog-to-Digital Converter
6.29.1 ADC Absolute Maximum Ratings†
Supply voltage range,
VSSA1/VSSA2 to VDDA1/VDDA2/AVDDREFBG
−0.3 V to 4.6 V
. . . . . . . . . . . . . . . . . .
VSS1 to VDD1
−0.3 V to 2.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog Input (ADCIN) Clamp Current, total (max)
± 20 mA‡
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Unless otherwise noted, the list of absolute maximum ratings are specified over operating conditions. Stresses beyond those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.
‡ The analog inputs have an internal clamping circuit that clamps the voltage to a diode drop above VDDA or below VSS. The continuous clamp
current per pin is ± 2 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com