Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2811PBKA Datasheet(PDF) 22 Page - Texas Instruments

Part # TMP320F2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2811PBKA Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP320F2811PBKA Datasheet HTML 18Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 19Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 20Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 21Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 22Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 23Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 24Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 25Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 147 page
background image
Introduction
22
June 2004
SPRS257
Table 2−2. Signal Descriptions† (Continued)
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
PIN NO.
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
128-PIN
PBK
176-PIN
PGF
179-PIN
GHH
AND
ZHH
ADC ANALOG INPUT SIGNALS (CONTINUED)
ADCINB7
F5
9
9
I
ADCINB6
D1
8
8
I
ADCINB5
D2
7
7
I
ADCINB4
D3
6
6
I
8-Channel Analog Inputs for Sample-and-Hold B. The ADC
pins should not be driven before the V
V
and
ADCINB3
C1
5
5
I
pins should not be driven before the VDDA1, VDDA2, and
VDDAIO pins have been fully powered up.
ADCINB2
B1
4
4
I
VDDAIO pins have been fully powered up.
ADCINB1
C3
3
3
I
ADCINB0
C2
2
2
I
ADCREFP
E2
11
11
I/O
ADC Voltage Reference Output (2 V). Requires a low ESR
(50 mΩ − 1.5 Ω) ceramic bypass capacitor of 10 µF to analog
ground. (Can accept external reference input (2 V) if the
software bit is enabled for this mode. 1−10 µF low ESR
capacitor can be used in the external reference mode.)
ADCREFM
E4
10
10
I/O
ADC Voltage Reference Output (1 V). Requires a low ESR
(50 mΩ − 1.5 Ω) ceramic bypass capacitor of 10 µF to analog
ground. (Can accept external reference input (1 V) if the
software bit is enabled for this mode. 1−10 µF low ESR
capacitor can be used in the external reference mode.)
ADCRESEXT
F2
16
16
O
ADC External Current Bias Resistor (24.9 kΩ ±5%)
ADCBGREFIN
E6
164
116
I
Test Pin. Reserved for TI. Must be left unconnected.
AVSSREFBG
E3
12
12
I
ADC Analog GND
AVDDREFBG
E1
13
13
I
ADC Analog Power (3.3-V)
ADCLO
B3
175
127
I
Common Low Side Analog Input. Connect to analog ground.
VSSA1
F3
15
15
I
ADC Analog GND
VSSA2
C5
165
117
I
ADC Analog GND
VDDA1
F4
14
14
I
ADC Analog 3.3-V Supply
VDDA2
A5
166
118
I
ADC Analog 3.3-V Supply
VSS1
C6
163
115
I
ADC Digital GND
VDD1
A6
162
114
I
ADC Digital 1.8-V (or 1.9-V) Supply
VDDAIO
B2
1
1
3.3-V Analog I/O Power Pin
VSSAIO
A2
176
128
Analog I/O Ground Pin
† Typical drive strength of the output buffer for all pins is 4 mA except for TDO, XCLKOUT, XF, XINTF, EMU0, and EMU1 pins, which are 8 mA.
‡ I = Input, O = Output, Z = High impedance
§ PU = pin has internal pullup; PD = pin has internal pulldown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com