Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2811PBKA Datasheet(PDF) 23 Page - Texas Instruments

Part # TMP320F2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2811PBKA Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMP320F2811PBKA Datasheet HTML 19Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 20Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 21Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 22Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 23Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 24Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 25Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 26Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 147 page
background image
Introduction
23
June 2004
SPRS257
Table 2−2. Signal Descriptions† (Continued)
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
PIN NO.
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
128-PIN
PBK
176-PIN
PGF
179-PIN
GHH
AND
ZHH
POWER SIGNALS
VDD
H1
23
20
VDD
L1
37
29
VDD
P5
56
42
VDD
P9
75
56
VDD
P12
−
63
1.8-V or 1.9-V Core Digital Power Pins. See Section 6.2,
Recommended
Operating
Conditions
for
voltage
VDD
K12
100
74
Recommended
Operating
Conditions,
for
voltage
requirements.
VDD
G12
112
82
requirements.
VDD
C14
128
94
VDD
B10
143
102
VDD
C8
154
110
VSS
G4
19
17
VSS
K1
32
26
VSS
L2
38
30
VSS
P4
52
39
VSS
K6
58
−
VSS
P8
70
53
VSS
M10
78
59
VSS
L11
86
62
Core and Digital I/O Ground Pins
VSS
K13
99
73
Core and Digital I/O Ground Pins
VSS
J14
105
−
VSS
G13
113
−
VSS
E14
120
88
VSS
B14
129
95
VSS
D10
142
−
VSS
C10
−
103
VSS
B8
153
109
VDDIO
J4
31
25
VDDIO
L7
64
49
VDDIO
L10
81
−
3 3 V I/O Digital Power Pins
VDDIO
N14
−
−
3.3-V I/O Digital Power Pins
VDDIO
G11
114
83
VDDIO
E9
145
104
VDDIO
N8
69
52
† Typical drive strength of the output buffer for all pins is 4 mA except for TDO, XCLKOUT, XF, XINTF, EMU0, and EMU1 pins, which are 8 mA.
‡ I = Input, O = Output, Z = High impedance
§ PU = pin has internal pullup; PD = pin has internal pulldown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com