Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2811PBKA Datasheet(PDF) 135 Page - Texas Instruments

Part # TMP320F2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2811PBKA Datasheet(HTML) 135 Page - Texas Instruments

Back Button TMP320F2811PBKA Datasheet HTML 131Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 132Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 133Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 134Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 135Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 136Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 137Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 138Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 147 page
background image
Electrical Specifications
135
June 2004
SPRS257
6.30 Multichannel Buffered Serial Port (McBSP) Timing
6.30.1 McBSP Transmit and Receive Timing
Table 6−43. McBSP Timing Requirements†‡
NO.
MIN
MAX UNIT
McBSP module clock (CLKG CLKX CLKR) range
1
kHz
McBSP module clock (CLKG, CLKX, CLKR) range
20§
MHz
McBSP module cycle time (CLKG CLKX CLKR) range
50
ns
McBSP module cycle time (CLKG, CLKX, CLKR) range
1
ms
M11
tc(CKRX)
Cycle time, CLKR/X
CLKR/X ext
2P
ns
M12 tw(CKRX)
Pulse duration, CLKR/X high or CLKR/X low
CLKR/X ext
P-7
ns
M13 tr(CKRX)
Rise time, CLKR/X
CLKR/X ext
7
ns
M14 tf(CKRX)
Fall time, CLKR/X
CLKR/X ext
7
ns
M15 t
Setup time external FSR high before CLKR low
CLKR int
18
ns
M15 tsu(FRH-CKRL)
Setup time, external FSR high before CLKR low
CLKR ext
2
ns
M16 t
Hold time external FSR high after CLKR low
CLKR int
0
ns
M16 th(CKRL-FRH)
Hold time, external FSR high after CLKR low
CLKR ext
6
ns
M17 t
Setup time DR valid before CLKR low
CLKR int
18
ns
M17 tsu(DRV-CKRL)
Setup time, DR valid before CLKR low
CLKR ext
2
ns
M18 t
Hold time DR valid after CLKR low
CLKR int
0
ns
M18 th(CKRL-DRV)
Hold time, DR valid after CLKR low
CLKR ext
6
ns
M19 t
Setup time external FSX high before CLKX low
CLKX int
18
ns
M19 tsu(FXH-CKXL)
Setup time, external FSX high before CLKX low
CLKX ext
2
ns
M20 t
Hold time external FSX high after CLKX low
CLKX int
0
ns
M20 th(CKXL-FXH)
Hold time, external FSX high after CLKX low
CLKX ext
6
ns
† Polarity bits CLKRP = CLKXP = FSRP = FSXP = 0. If the polarity of any of the signals is inverted, then the timing references of that signal are
also inverted.
‡ 2P = 1/CLKG in ns. CLKG is the output of sample rate generator mux. CLKG =
CLKSRG
(1 ) CLKGDV)
.
CLKSRG can be LSPCLK, CLKX, CLKR as source. CLKSRG ≤ (SYSCLKOUT/2). McBSP performance is limited by I/O buffer switching speed.
§ Internal clock prescalers must be adjusted such that the McBSP clock (CLKG, CLKX, CLKR) speeds are not greater than the I/O buffer speed
limit (20 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com