Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN33D8LDW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN33D8LDW
Description  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN33D8LDW Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN33D8LDW Datasheet HTML 1Page - Diodes Incorporated DMN33D8LDW Datasheet HTML 2Page - Diodes Incorporated DMN33D8LDW Datasheet HTML 3Page - Diodes Incorporated DMN33D8LDW Datasheet HTML 4Page - Diodes Incorporated DMN33D8LDW Datasheet HTML 5Page - Diodes Incorporated DMN33D8LDW Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN33D8LDW
Document number: DS36754 Rev. 3 - 2
2 of 6
www.diodes.com
August 2014
© Diodes Incorporated
DMN33D8LDW
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
250
200
mA
Maximum Continuous Body Diode Forward Current (Note 5)
IS
0.5
A
Pulsed Drain Current (10µs pulse, duty cycle=1%)
IDM
0.8
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.35
W
TA = +70°C
0.22
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
360
°C/W
Thermal Resistance, Junction to Case
RθJC
126
Operating and Storage Temperature Range
TJ, TSTG
-55 to 150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
30
—
—
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
@TC = +25°C
IDSS
—
—
1
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±10
μA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
0.8
—
1.5
V
VDS = 3V, ID = 100μA
Static Drain-Source On-Resistance
RDS(ON)
—
—
2.4
Ω
VGS = 10V, ID = 250mA
—
—
3.0
VGS = 4.5V, ID = 250mA
—
—
5.0
VGS = 4.0V, ID = 10mA
—
—
7.0
VGS = 2.5V, ID = 5mA
—
—
20
VGS = 1.8V, ID = 5mA
Forward Transfer Admittance
|Yfs|
10
—
-
mS
VDS = 3V, ID = 10mA
Diode Forward Voltage
VSD
—
—
1.2
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
—
48
—
pF
VDS = 5V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
11
—
pF
Reverse Transfer Capacitance
Crss
—
8
—
pF
Gate Resistance
Rg
—
57
—
Ω
f=1MHz , Vgs=0V, Vds=0V
Total Gate Charge (VGS = 4.5V)
Qg
—
0.55
—
nC
VGS = 10V, VDS = 10V,
ID = 250mA
Total Gate Charge (VGS = 10V)
Qg
—
1.23
—
nC
Gate-Source Charge
Qgs
—
0.14
—
nC
Gate-Drain Charge
Qgd
—
0.14
—
nC
Turn-On Delay Time
tD(on)
—
2.9
—
ns
VDD = 30V, VGS = 10V,
RG = 25Ω, ID = 200mA
Turn-On Rise Time
tr
—
2.6
—
ns
Turn-Off Delay Time
tD(off)
—
18.2
—
ns
Turn-Off Fall Time
tf
—
13.6
—
ns
Notes:
5. Device mounted on 1” x 1” FR-4 PCB with high coverage 2oz. Copper, single sided.
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com