Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN33D8LDW Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN33D8LDW
Description  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN33D8LDW Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN33D8LDW Datasheet HTML 1Page - Diodes Incorporated DMN33D8LDW Datasheet HTML 2Page - Diodes Incorporated DMN33D8LDW Datasheet HTML 3Page - Diodes Incorporated DMN33D8LDW Datasheet HTML 4Page - Diodes Incorporated DMN33D8LDW Datasheet HTML 5Page - Diodes Incorporated DMN33D8LDW Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN33D8LDW
Document number: DS36754 Rev. 3 - 2
4 of 6
www.diodes.com
August 2014
© Diodes Incorporated
DMN33D8LDW
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
J
°
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
I= 1mA
D
I = 250µA
D
V , SOURCE-DRAIN VOLTAGE (V)
SD
Figure 8 Diode Forward Voltage vs. Current
T = 125°C
A
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.3
0.6
0.9
1.2
1.5
T= 85°C
A
T = 150°C
A
T= 25°C
A
T = -55°C
A
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9 Typical Junction Capacitance
1
10
100
1000
0
5
10
15
20
25
30
f = 1MHz
Ciss
Coss
Crss
Q(nC)
g, TOTAL GATE CHARGE
Figure 10 Gate Charge
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V
= 10V
I=
A
DS
D
250m
t1, PULSE DURATION TIME (sec)
Figure 11 Transient Thermal Resistance
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
R
(t) = r(t) * R
R
= 415°C/W
Duty Cycle, D = t1/ t2
θθ
θ
JA
JA
JA
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com