Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN2019UTS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2019UTS
Description  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2019UTS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2019UTS Datasheet HTML 1Page - Diodes Incorporated DMN2019UTS Datasheet HTML 2Page - Diodes Incorporated DMN2019UTS Datasheet HTML 3Page - Diodes Incorporated DMN2019UTS Datasheet HTML 4Page - Diodes Incorporated DMN2019UTS Datasheet HTML 5Page - Diodes Incorporated DMN2019UTS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN2019UTS
Document number: DS35556 Rev. 2 - 2
2 of 6
www.diodes.com
December 2012
© Diodes Incorporated
DMN2019UTS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
0.78
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
161
°C/W
Thermal Resistance, Junction to Case (Note 5)
RθJC
26
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
-
-
1.0
µA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
10
µA
VGS = ±10V, VDS = 0V
Gate-Source Breakdown Voltage
BVSGS
±12
-
-
V
VDS = 0V, IG = ±250μA
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
0.35
-
0.95
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
-
-
-
-
-
-
-
15.5
18.5
mΩ
VGS = 10V, ID = 7A
16.5
21
VGS = 4.5V, ID = 7A
17
21.5
VGS = 4.0V, ID = 7A
17.5
22.5
VGS = 3.6V, ID = 6.5A
18
23
VGS = 3.1V, ID = 6.5A
19
24
VGS = 2.5V, ID = 5.5A
24
31
VGS = 1.8V, ID = 3.5A
Forward Transfer Admittance
|Yfs|
-
13
-
S
VDS = 5V, ID = 5A
Diode Forward Voltage
VSD
-
0.7
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
-
143
-
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
74
-
pF
Reverse Transfer Capacitance
Crss
-
29
-
pF
Gate Resistance
Rg
-
202
-
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
-
8.8
-
nC
VGS = 4.5V, VDS = 10V,
ID = 6.5A
Gate-Source Charge
Qgs
-
1.4
-
nC
Gate-Drain Charge
Qgd
-
3.0
-
nC
Turn-On Delay Time
tD(on)
-
53
-
ns
VDD = 10V, VGS = 4.5V,
RL = 10Ω, RG = 6Ω
Turn-On Rise Time
tr
-
78
-
ns
Turn-Off Delay Time
tD(off)
-
562
-
ns
Turn-Off Fall Time
tf
-
234
-
ns
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to product testing.
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 5)
VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
5.4
4.3
A
Continuous Drain Current (Note 5)
VGS = 2.5V
Steady
State
TA = +25°C
TA = +70°C
ID
4.6
3.7
A
Continuous Body Diode Forward Current (Note 5)
Steady
Stat
TA = +25°C
IS
0.9
A
Pulsed Drain Current (Note 5) 10μs pulse, duty cycle = 1%
IDM
30
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com