Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN2019UTS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN2019UTS
Description  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2019UTS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN2019UTS Datasheet HTML 1Page - Diodes Incorporated DMN2019UTS Datasheet HTML 2Page - Diodes Incorporated DMN2019UTS Datasheet HTML 3Page - Diodes Incorporated DMN2019UTS Datasheet HTML 4Page - Diodes Incorporated DMN2019UTS Datasheet HTML 5Page - Diodes Incorporated DMN2019UTS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN2019UTS
Document number: DS35556 Rev. 2 - 2
4 of 6
www.diodes.com
December 2012
© Diodes Incorporated
DMN2019UTS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
-50 -25
0
25
50
75
100 125 150
T , AMBIENT TEMPERATURE (°C)
A
I = 1mA
D
I = 250µA
D
0
4
8
12
16
20
0
0.2
0.4
0.6
0.8
1
1.2
Fig. 8 Diode Forward Voltage vs. Current
V , SOURCE-DRAIN VOLTAGE (V)
SD
T = 25°C
A
04
8
12
16
20
Fig. 9 Typical Total Capacitance
V , DRAIN-SOURCE VOLTAGE (V)
DS
10
100
1,000
Ciss
Crss
Coss
f = 1MHz
0.01
0.1
1
10
100
0.1
1
10
100
R
Limited
DS(on)
Fig. 10 Safe Operation Area
-DS
V , DRAIN-SOURCE VOLTAGE (V)
T
= 150°C
T = 25°C
Single Pulse
J(m ax)
A
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P = 10ms
W
P = 1ms
W
P = 100µs
W
P = 10 s
W
µ
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
Fig. 11 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) *
θJA
R
R
= 157°C/W
θ
θ
JA
JA
P(pk)
t1
t2
0.001
0.01
0.1
1
D = 0.7
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
D = 0.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com