Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPC1966 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1966
Description  Zero-Crossing Detection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1966 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1966 Datasheet HTML 1Page - IXYS Corporation CPC1966 Datasheet HTML 2Page - IXYS Corporation CPC1966 Datasheet HTML 3Page - IXYS Corporation CPC1966 Datasheet HTML 4Page - IXYS Corporation CPC1966 Datasheet HTML 5Page - IXYS Corporation CPC1966 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1966
www.ixysic.com
3
R04
PERFORMANCE DATA*
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
LED Forward Voltage (V)
1.25
1.26
1.27
1.28
1.29
1.30
0
5
10
15
20
25
30
35
LED Forward Voltage Distribution
(N=50, I
F=5mA, TA=25ºC)
LED Current (mA)
1.40
1.44
1.48
1.52
1.56
1.60
1.64
0
5
10
15
20
25
LED Current to Operate Distribution
(60Hz Resistive Load)
(N=50, V
L=120VAC, TA=25ºC)
Zero Cross Voltage (V)
Zero Cross Voltage Distribution
(N=50, I
F=5mA, TA=25ºC)
4.0
4.3
4.6
4.9
5.2
5.5
5.8
0
5
10
15
20
SCR Forward Voltage (V)
0.86
0.88
0.90
0.92
0.94
0.96
0.98
0
5
10
15
20
25
30
35
Typical SCR Forward Voltage Distribution
(N=50, I
F=5mA, IL=2A, TA=25ºC)
Blocking Voltage (V
P)
850
852
854
856
858
860
0
5
10
15
20
25
30
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
LED Forward Voltage vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
Load Frequency (Hz)
0
100
200
300
400
500
600
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
LED Current to Operate
vs. Load Frequency
(V
L=140Vrms, RL=400
)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
LED Current to Operate
(f
O=60Hz)
Z
L=200mH
I
L=500mA
R
L=400
I
L=350mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com