Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPC1966 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1966
Description  Zero-Crossing Detection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1966 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1966 Datasheet HTML 1Page - IXYS Corporation CPC1966 Datasheet HTML 2Page - IXYS Corporation CPC1966 Datasheet HTML 3Page - IXYS Corporation CPC1966 Datasheet HTML 4Page - IXYS Corporation CPC1966 Datasheet HTML 5Page - IXYS Corporation CPC1966 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1966-R04
1
CPC1966
AC Power Switch
Part #
Description
CPC1966Y
4-Pin (8-Pin Body) SIP (25/Tube)
Parameter
Rating
Units
AC Operating Voltage
20 - 240
V
rms
Load Current
3
A
rms
On-State Voltage Drop
0.8
V
rms (at IL = 3Arms)
Blocking Voltage
600
V
P
Applications
Features
Description
Ordering Information
Pin Configuration
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contactors
• Large Relays
• Solenoids
• Motors
• Heaters
• Load Current up to 3A
rms
• 600V
P Blocking Voltage
• 5mA Sensitivity
• Zero-Crossing Detection
• DC Control, AC Output
• Optically Isolated
• TTL and CMOS Compatible
• Low EMI and RFI Generation
• High Noise Immunity
• Machine Insertable, Wave Solderable
CPC1966 is an AC Solid State Switch utilizing
dual power SCR outputs. This device also includes
zero-cross turn-on circuitry, and is specified with a
blocking voltage of 600V
P .
In addition, the tightly controlled zero-cross circuitry
ensures low noise switching of AC loads by
minimizing the generation of transients. The optically
coupled input and output circuits provide 3750V
rms of
isolation and noise immunity between the control and
load circuits. As a result, the CPC1966 is well suited
for industrial environments where electromagnetic
interference would disrupt the operation of plant facility
communication and control systems.
Approvals
• UL Recognized Component: File E69938
• CSA Certified Component: File 043639
2
1
– LED + LED
AC Load
AC Load
4
3
ZC


Similar Part No. - CPC1966

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1966 CLARE-CPC1966 Datasheet
116Kb / 6P
AC Power Switch
logo
IXYS Corporation
CPC1966B IXYS-CPC1966B Datasheet
108Kb / 6P
CPC1966B is an AC Solid State Switch utilizing dual power SCR outputs.
logo
Littelfuse
CPC1966B LITTELFUSE-CPC1966B Datasheet
145Kb / 6P
AC Power Switch
11/18/2025
logo
IXYS Corporation
CPC1966BX8 IXYS-CPC1966BX8 Datasheet
115Kb / 5P
800V, 3A, Rapid Turn-On AC Power Switch
logo
Clare, Inc.
CPC1966Y CLARE-CPC1966Y Datasheet
116Kb / 6P
AC Power Switch
More results

Similar Description - CPC1966

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3041 COSMO-KMOC3041_11 Datasheet
87Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3051H COSMO-KMOC3051H Datasheet
86Kb / 6P
Zero Crossing Optoisolators TRIAC
logo
IXYS Corporation
PM1204 IXYS-PM1204 Datasheet
113Kb / 6P
Zero-Crossing Detection
PM1205 IXYS-PM1205 Datasheet
113Kb / 6P
Zero-Crossing Detection
PM1206 IXYS-PM1206 Datasheet
113Kb / 6P
Zero-Crossing Detection
PS1201 IXYS-PS1201 Datasheet
97Kb / 5P
Zero-Crossing Detection
PS2401 IXYS-PS2401 Datasheet
97Kb / 5P
Zero-Crossing Detection
PS2601 IXYS-PS2601 Datasheet
97Kb / 5P
Zero-Crossing Detection
PD2401 IXYS-PD2401 Datasheet
97Kb / 5P
Zero-Crossing Detection
PD2601 IXYS-PD2601 Datasheet
97Kb / 5P
Zero-Crossing Detection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com