Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RCD-24-1.00/PL/A Datasheet(PDF) 1 Page - Recom International Power

Part # RCD-24-1.00/PL/A
Description  Constant Current LED Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCD-24-1.00/PL/A Datasheet(HTML) 1 Page - Recom International Power

  RCD-24-1.00/PL/A Datasheet HTML 1Page - Recom International Power RCD-24-1.00/PL/A Datasheet HTML 2Page - Recom International Power RCD-24-1.00/PL/A Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LIGHTLINE
DC/DC-Converter
with 5 year Warranty
RCD-24/PL
● SMD Constant Current LED Driver
● Built-in Class A or Class B EMC Filter
● Wide Input and Output Voltage Range
● Digital PWM and Analogue Voltage Dimming
● Short Circuit and Overtemperature Protected
● Low Cost
● EN/RAILWAYS Certified
● 5 Year Warranty
Features
Regulated
Converters
Selection Guide
Input Voltage (absolute maximum)
40VDC max
Recommended Input Voltage
6V min. / 24V typ. / 36VDC max
Input Filter
Suffix /A
Capacitor
Suffix /B
Class B with Pi Filter
RCD-24-1.00/PL/A
Class A with Pi Filter
Output Current Accuracy (Vin=24V)
300-700mA
±2% typ, ±3% max
1000mA
±3% typ, ±5% max
Internal Power Dissipation
Worst case load of 5 LEDs (300-700mA)
700mW max.
Worst case load of 8 LEDs (1000mA), Vin=36V
1.6W typ.
Output Current Stability
Vin = 36V, Vout = 1-9 LEDs (300-700mA)
±1% max
Vin = 36V, Vout = 1-8 LEDs (1000mA)
± 1.5% max.
Output Ripple and Noise (20MHz BW) Vin=36V, Vout =1-9 LEDs (300-700mA)
Vin=36V, Vout =1-8 LEDs (1000mA)
300mVp-p max
Temperature Coefficient
-40°C to +85°C ambient
±0.015%/°C max
Maximum Capacitive Load
100μF
Operating Frequency
300-1000mA
212kHz min/ 250kHz typ/ 280kHz max
Efficiency at Full Load
300-700mA
96% typ.
Vin=36V, Vout=8 LEDs (1000mA)
94% typ.
Short Circuit Protection
Regulated at rated output current
Operating Temperature Range
300/350mA
-40°C to +85°C
500mA
-40°C to +80°C
600/700mA
-40°C to +75°C
1000mA
-40°C to +65°C
Storage Temperature Range
-55°C to +125°C
Relative Humidity
5% to 95% RH, non-condensing
continued on next page
Specifications (typical at 25°C, nominal input voltage, rated output current unless otherwise specified )
Description
The RCD-24-xxx/PL series is a step-down constant current source designed for driving high power LEDs.
The converter uses a pinless SMD open frame design to reduce cost and size. Output currents available are
300mA, 350mA, 500mA, 600mA, 700mA and 1000mA with either Class A (Suffix /A) or Class B (suffix /B)
built-in EMC filtering. Despite its compact size, the RCD-PL series is fully featured with very high efficiency,
wide input voltage range, high ambient operating temperature and two means of LED dimming: PWM/digital
control and analogue voltage dimming. Both dimming controls are independent and can be combined. The
driver is also designed to be as reliable as the LEDs it is driving, even at the full ambient operating
temperature and is designed for strip lighting, wall washers and flourescent tube replacement designs, where
a low profile and narrow width are demanded.
Part
Input
Output
Output
Dimming
Mounting
Number
Range
Current
Voltage
Control
Style
(VDC)
(mA)
(Vmin-Vmax)
RCD-24-0.30/PL*
4.5-36V
0-300
2-35
Digital + Analogue
Pinless SMD
RCD-24-0.35/PL*
4.5-36V
0-350
2-35
Digital + Analogue
Pinless SMD
RCD-24-0.50/PL*
4.5-36V
0-500
2-35
Digital + Analogue
Pinless SMD
RCD-24-0.60/PL*
4.5-36V
0-600
2-35
Digital + Analogue
Pinless SMD
RCD-24-0.70/PL*
4.5-36V
0-700
2-35
Digital + Analogue
Pinless SMD
RCD-24-1.00/PL/A
6-36V
0-1000
2-32
Digital + Analogue
Pinless SMD
* /A for EMC Class A input Filter
add -R for Tape and Reel Packaging
e.g. RCD-24-0.35/PL/B-R
* /B for EMC Class B input Filter
Note: RCD-24-1.00/PL/A only available with Class A Filter
700
60
20 40
100
300
Ambient Temperature (°C)
0
80
-20
-40
350
600
500
75
80
85
1000
Natural Convection
65
Constant
Current LED
Driver
EN-50121-3-2 Certified
EN-60950-1 Certified
UL-60950-1 Certified
RoHS
2011/65/EU
6/6
E358085
Refer to Application Notes
Derating-Graph
(Ambient Temperature)
www.recom-power.com
L-9
REV: 1/2016


Similar Part No. - RCD-24-1.00/PL/A

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RCD-24-1.00 RECOM-RCD-24-1.00 Datasheet
358Kb / 6P
Constant Current LED Driver
RCD-24-1.00 RECOM-RCD-24-1.00 Datasheet
109Kb / 3P
SMD Constant Current LED Driver
RCD-24-1.00A RECOM-RCD-24-1.00A Datasheet
109Kb / 3P
SMD Constant Current LED Driver
RCD-24-1.00PL RECOM-RCD-24-1.00PL Datasheet
109Kb / 3P
SMD Constant Current LED Driver
More results

Similar Description - RCD-24-1.00/PL/A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
CONSTANT CURRENT LED DRIVER
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
Constant Current LED Driver
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
Constant Current LED Driver.
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
Constant Current LED Driver
Rev 2
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
Constant Current LED Driver
2016/09/23
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
Constant Current LED Driver
2016/09/12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com