Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RCD-24-1.00/PL/A Datasheet(PDF) 3 Page - Recom International Power

Part # RCD-24-1.00/PL/A
Description  Constant Current LED Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCD-24-1.00/PL/A Datasheet(HTML) 3 Page - Recom International Power

  RCD-24-1.00/PL/A Datasheet HTML 1Page - Recom International Power RCD-24-1.00/PL/A Datasheet HTML 2Page - Recom International Power RCD-24-1.00/PL/A Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Analogue Dimming
Digital Dimming
1
0
PWM Digital Control Signal
Output Current (LED appears dim)
Output Current (LED appears bright)
PWM Digital Control Signal
1
0
200Hz
Typ.
200Hz
Typ.
LIGHTLINE
DC/DC-Converter
RCD-24-PL
Series
Package Style and Pinning
Dimming
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pad Connections
RCD-24-PL Series
Pad #
Out
Comments
1
+Vin
DC Supply
2
Analogue Dimming
Leave open if not used
3
PWM/ON/OFF
Leave open if not used
4
GND
Do not connect to -Vout
5
-Vout
LED Cathode Connection
6
+Vout
LED Anode Connection
Bottom View
PCB Layout Top View
6
5
1
3
2
4
Class A Version
Class A (1.00A-Version)
Class B Version
2.54
2 x 2.5 SMT Pad x 6
6.6
2.54
25.4
31.00
11.4
7.6
1.9
1mm half Via x 6
6.6
9.0
Voltage Control (0-15V max)
100%
0%
1V
2V
3V
4V
15V
0.13V
Analogue Input Voltage
10V
300-700mA
4.2V
1000mA
4.35V
www.recom-power.com
L-11
REV: 1/2016
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
Note:
3. If PWM dimming is used, a capacitor on output in parallel is required.
RCD-24-PL
Vin
GND
Analogue
Vout-
Vout+
PWM ON/OFF
C1
P/N
C1
RCD-24-0.30/PL/X
33μF
RCD-24-0.35/PL/X
RCD-24-0.50/PL/X
RCD-24-0.60/PL/X
47μF
RCD-24-0.70/PL/X
RCD-24-1.00/PL/A
150μF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com