Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M59PW1282 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M59PW1282
Description  128Mbit (two 64Mb, x16, Uniform Block, LightFlash™) 3V Supply, Multiple Memory Product
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59PW1282 Datasheet(HTML) 1 Page - STMicroelectronics

  M59PW1282 Datasheet HTML 1Page - STMicroelectronics M59PW1282 Datasheet HTML 2Page - STMicroelectronics M59PW1282 Datasheet HTML 3Page - STMicroelectronics M59PW1282 Datasheet HTML 4Page - STMicroelectronics M59PW1282 Datasheet HTML 5Page - STMicroelectronics M59PW1282 Datasheet HTML 6Page - STMicroelectronics M59PW1282 Datasheet HTML 7Page - STMicroelectronics M59PW1282 Datasheet HTML 8Page - STMicroelectronics M59PW1282 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/24
November 2003
M59PW1282
128Mbit (two 64Mb, x16, Uniform Block, LightFlash™)
3V Supply, Multiple Memory Product
FEATURES SUMMARY
■
MASK-ROM PIN-OUT COMPATIBLE
■
TWO 64 Mbit LightFlash™ MEMORIES
STACKED IN A SINGLE PACKAGE
■
SUPPLY VOLTAGE
–VCC = 2.7 to 3.6V for Read
–VPP = 11.4 to 12.6V for Program and Erase
■
ACCESS TIME
–90ns at VCC = 3.0 to 3.6V
– 100, 120ns at VCC = 2.7 to 3.6V
■
PROGRAMMING TIME
– 9µs per Word typical
– Multiple Word Programming Option
(16s typical Chip Program)
■
ERASE TIME
– 85s typical Chip Erase
■
UNIFORM BLOCKS
– 64 blocks of 2 Mbits
■
PROGRAM/ERASE CONTROLLER
– Embedded Word Program algorithms
■
10,000 PROGRAM/ERASE CYCLES per
BLOCK
■
ELECTRONIC SIGNATURE
– Manufacturer Code: 0020h
– Device Code : 88A8h
Figure 1. Package
SO44 (M)


Similar Part No. - M59PW1282

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M59PW064 STMICROELECTRONICS-M59PW064 Datasheet
457Kb / 24P
64 Mbit (4Mb x16, Uniform Block) 3V Supply LightFlash Memory
15-Mar-2005
More results

Similar Description - M59PW1282

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29KW016E STMICROELECTRONICS-M29KW016E Datasheet
261Kb / 31P
16 Mbit (1Mb x16, Uniform Block) 3V Supply LightFlash Memory
23-Jul-2002
M29KW032E STMICROELECTRONICS-M29KW032E Datasheet
234Kb / 30P
32 Mbit 2Mb x16, Uniform Block 3V Supply LightFlash™ Memory
23-Jul-2002
M29KW064E STMICROELECTRONICS-M29KW064E Datasheet
233Kb / 30P
64 Mbit 4Mb x16, Uniform Block 3V Supply LightFlash™ Memory
23-Jul-2002
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
08-Apr-2003
M58LW032A STMICROELECTRONICS-M58LW032A Datasheet
856Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
11-Feb-2003
M58LW032C STMICROELECTRONICS-M58LW032C Datasheet
845Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
29-Apr-2003
M30LW128D STMICROELECTRONICS-M30LW128D Datasheet
860Kb / 57P
128 Mbit (two 64Mbit, x8/x16, Uniform Block, Flash Memories) 3V Supply, Multiple Memory Product
11-Feb-2003
M59PW064 STMICROELECTRONICS-M59PW064 Datasheet
457Kb / 24P
64 Mbit (4Mb x16, Uniform Block) 3V Supply LightFlash Memory
15-Mar-2005
M76DW63000A STMICROELECTRONICS-M76DW63000A Datasheet
404Kb / 27P
64Mbit (x8/ x16, Multiple Bank, Boot Block) Flash Memory and 8Mbit/4Mbit SRAM, 3V Supply, Multiple Memory Product
24-Sep-2003
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
16-Dec-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com