Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M59PW1282 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M59PW1282
Description  128Mbit (two 64Mb, x16, Uniform Block, LightFlash™) 3V Supply, Multiple Memory Product
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59PW1282 Datasheet(HTML) 4 Page - STMicroelectronics

  M59PW1282 Datasheet HTML 1Page - STMicroelectronics M59PW1282 Datasheet HTML 2Page - STMicroelectronics M59PW1282 Datasheet HTML 3Page - STMicroelectronics M59PW1282 Datasheet HTML 4Page - STMicroelectronics M59PW1282 Datasheet HTML 5Page - STMicroelectronics M59PW1282 Datasheet HTML 6Page - STMicroelectronics M59PW1282 Datasheet HTML 7Page - STMicroelectronics M59PW1282 Datasheet HTML 8Page - STMicroelectronics M59PW1282 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
M59PW1282
4/24
SUMMARY DESCRIPTION
The M59PW1282 is a 128Mbit (8Mb x16), Mask-
ROM pinout compatible, non-volatile LightFlash™
memory, that can be read, erased and repro-
grammed. Read operations can be performed us-
ing a single low voltage (2.7 to 3.6V) supply.
Program and Erase operations require an addi-
tional VPP (11.4 to 12.6V) power supply. On pow-
er-up the memory defaults to its Read mode where
it can be read in the same way as a ROM or
EPROM.
The Mask-ROM compatibility is obtained using a
dual function Address/Voltage Supply pin (A22/
VPP). In Read mode the A22/VPP pin works as an
address pin; in Program or Erase mode it also
works as a voltage supply pin. At the beginning of
any program or erase operation, a specific proce-
dure (see Figure 4) must be performed to internal-
ly memorize the A22 value that will be used during
the program or erase operation.
The device is composed of two 64Mbit memories
stacked in a single package. Recommended oper-
ating conditions do not allow both memories to be
active at the same time. Address A22 selects the
memory to be enabled. The other memory is in
Standby mode.
The memory is divided into 64 uniform blocks that
can be erased independently so it is possible to
preserve valid data while old data is erased. Pro-
gram and Erase commands are written to the
Command Interface of the memory. An on-chip
Program/Erase Controller (P/E.C.) simplifies the
process of programming or erasing the memory by
taking care of all of the special operations that are
required to update the memory contents.
The M59PW1282 features an innovative com-
mand, Multiple Word Program, that is used to pro-
gram large streams of data. It greatly reduces the
total programming time when a large number of
Words are written to the memory at any one time.
Using this command the entire memory can be
programmed in 16s, compared to 72s using the
standard Word Program.
The end of a Program or Erase operation can be
detected and any error conditions identified. The
command set required to control the memory is
consistent with JEDEC standards. Chip Enable
and Output Enable signals control the bus opera-
tion of the memory. They allow simple connection
to most microprocessors, often without additional
logic.
The memory is offered in SO44 package and is
supplied with all the bits set to ’1’).
Figure 2. Logic Diagram
Table 1. Signal Names
AI07209
22
A0-A21
DQ0-DQ15
VCC
M59PW1282
E
VSS
16
G
A22/VPP
A0-A21
Address Inputs
A22/VPP
Address Input/Supply Voltage for
Program/Erase
DQ0-DQ15
Data Inputs/Outputs
E
Chip Enable
G
Output Enable
VCC
Supply Voltage read
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com