Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC101S021CISDX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADC101S021CISDX/NOPB
Description  Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC101S021CISDX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  ADC101S021CISDX/NOPB Datasheet HTML 1Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 2Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 3Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 4Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 5Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 6Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 7Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 8Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
T/H
10-BIT
SUCCESSIVE
APPROXIMATION
ADC
SCLK
CS
SDATA
CONTROL
LOGIC
VIN
1
2
3
4
5
6
VA
CS
GND
SDATA
VIN
SCLK
ADC101S021
ADC101S021
SNAS307G – JULY 2005 – REVISED JANUARY 2014
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Table 1. Key Specifications
VALUE
UNIT
DNL
+0.16 / -0.09
LSB (typ)
INL
+0.14 / -0.13
LSB (typ)
SNR
61.6
dB (typ)
Power Consumption
3.6V Supply
2.34
mW (typ)
5.25V Supply
8.9
mW (typ)
Table 2. Pin-Compatible Alternatives by Resolution and Speed(1)
Resolution
Specified for Sample Rate Range of:
50 to 200 ksps
200 to 500 ksps
500 ksps to 1 Msps
12-bit
ADC121S021
ADC121S051
ADC121S101
10-bit
ADC101S021
ADC101S051
ADC101S101
8-bit
ADC081S021
ADC081S051
ADC081S101
(1)
All devices are fully pin and function compatible.
Connection Diagram
Figure 1. 6-Lead SOT-23 or WSON
See DBV or NGF Package
Block Diagram
PIN DESCRIPTIONS AND EQUIVALENT CIRCUITS
Pin No.
Symbol
Description
ANALOG I/O
3
VIN
Analog input. This signal can range from 0V to VA.
DIGITAL I/O
4
SCLK
Digital clock input. This clock directly controls the conversion and readout processes.
2
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: ADC101S021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com