Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC101S021CISDX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADC101S021CISDX/NOPB
Description  Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC101S021CISDX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC101S021CISDX/NOPB Datasheet HTML 3Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 4Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 5Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 6Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 7Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 8Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 9Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 10Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
IOL
200 2A
IOH
200 2A
1.6 V
To Output Pin
CL
25 pF
ADC101S021
www.ti.com
SNAS307G – JULY 2005 – REVISED JANUARY 2014
ADC101S021 Timing Specifications
The following specifications apply for VA = +2.7V to 5.25V, GND = 0V, fSCLK = 1.0 MHz to 4.0 MHz, CL = 25 pF, fSAMPLE = 50
ksps to 200 ksps, Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Symbol
Parameter
Conditions
Typical
Limits
Units
tCS
Minimum CS Pulse Width
10
ns (min)
tSU
CS to SCLK Setup Time
10
ns (min)
tEN
Delay from CS Until SDATA TRI-STATE Disabled (1)
20
ns (max)
VA = +2.7V to +3.6V
40
ns (max)
tACC
Data Access Time after SCLK Falling Edge (2)
VA = +4.75V to +5.25V
20
ns (max)
tCL
SCLK Low Pulse Width
0.4 x tSCLK
ns (min)
tCH
SCLK High Pulse Width
0.4 x tSCLK
ns (min)
VA = +2.7V to +3.6V
7
ns (min)
tH
SCLK to Data Valid Hold Time
VA = +4.75V to +5.25V
5
ns (min)
25
ns (max)
VA = +2.7V to +3.6V
5
ns (min)
tDIS
SCLK Falling Edge to SDATA High Impedance (3)
25
ns (max)
VA = +4.75V to +5.25V
5
ns (min)
tPOWER-
Power-Up Time from Full Power-Down
1
µs
UP
(1)
Measured with the timing test circuit shown in Figure 2 and defined as the time taken by the output signal to cross 1.0V.
(2)
Measured with the timing test circuit shown in Figure 2 and defined as the time taken by the output signal to cross 1.0V or 2.0V.
(3)
tDIS is derived from the time taken by the outputs to change by 0.5V with the timing test circuit shown in Figure 2. The measured number
is then adjusted to remove the effects of charging or discharging the output capacitance. This means that tDIS is the true bus relinquish
time, independent of the bus loading.
Timing Diagrams
Figure 2. Timing Test Circuit
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC101S021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com