Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5411IPGPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5411IPGPR
Description  11 Bit, 105 MSPS Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5411IPGPR Datasheet(HTML) 2 Page - Texas Instruments

  ADS5411IPGPR Datasheet HTML 1Page - Texas Instruments ADS5411IPGPR Datasheet HTML 2Page - Texas Instruments ADS5411IPGPR Datasheet HTML 3Page - Texas Instruments ADS5411IPGPR Datasheet HTML 4Page - Texas Instruments ADS5411IPGPR Datasheet HTML 5Page - Texas Instruments ADS5411IPGPR Datasheet HTML 6Page - Texas Instruments ADS5411IPGPR Datasheet HTML 7Page - Texas Instruments ADS5411IPGPR Datasheet HTML 8Page - Texas Instruments ADS5411IPGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ADS5411
SLAS487A − SEPTEMBER 2005 − REVISED JANUANRY 2010
www.ti.com
2
NOTE:
For the most current package and ordering
information, see the Package Option Addendum at
the end of this document, or see the TI Web site at
www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
ADS5411
UNIT
AVDD to GND
6
Supply voltage
DRVDD to GND
5
V
Analog input to GND
−0.3 to
AVDD + 0.3
V
Clock input to GND
−0.3 to
AVDD + 0.3
V
CLK to CLK
±2.5
V
Digital data output to GND
−0.3 to
DRVDD + 0.3
V
Operating temperature range
−40 to 85
°C
Maximum junction temperature
150
°C
Storage temperature range
−65 to 150
°C
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
THERMAL CHARACTERISTICS(1)
PARAMETER
TEST
CONDITIONS
TYP
UNIT
θJA
Soldered slug, no
airflow
22.5
°C/W
θJA
Soldered slug,
200-LPFM airflow
15.8
°C/W
θJA
Unsoldered slug,
no airflow
33.3
°C/W
θJA
Unsoldered slug,
200-LPFM airflow
25.9
°C/W
θJC
Bottom of
package
(heatslug)
2
°C/W
(1) Using 25 thermal vias (5 x 5 array). See the Application Section.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because small parametric changes could cause
the device not to meet its published specifications.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
TYP
MAX
UNIT
Supplies
Analog supply voltage, AVDD
4.75
5
5.25
V
Output driver supply voltage,
DRVDD
3
3.3
3.6
V
Analog Input
Differential input range
2.2
VPP
Input common-mode voltage,
VCM
2.4
V
Digital Output
Maximum output load
10
pF
Clock Input
ADCLK input sample rate (sine
wave) 1/tC
30
105
MSPS
Clock amplitude, sine wave,
differential
1
3
5
VPP
Clock duty cycle
40%
50%
60%
Open free-air temperature range
−40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com