Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5411IPGPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5411IPGPR
Description  11 Bit, 105 MSPS Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5411IPGPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS5411IPGPR Datasheet HTML 3Page - Texas Instruments ADS5411IPGPR Datasheet HTML 4Page - Texas Instruments ADS5411IPGPR Datasheet HTML 5Page - Texas Instruments ADS5411IPGPR Datasheet HTML 6Page - Texas Instruments ADS5411IPGPR Datasheet HTML 7Page - Texas Instruments ADS5411IPGPR Datasheet HTML 8Page - Texas Instruments ADS5411IPGPR Datasheet HTML 9Page - Texas Instruments ADS5411IPGPR Datasheet HTML 10Page - Texas Instruments ADS5411IPGPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ADS5411
SLAS487A − SEPTEMBER 2005 − REVISED JANUANRY 2010
www.ti.com
7
DEFINITION OF SPECIFICATIONS
Analog Bandwidth
The analog input frequency at which the power of the
fundamental is reduced by 3 dB with respect to the low
frequency value.
Aperture Delay
The delay in time between the rising edge of the input
sampling clock and the actual time at which the
sampling occurs.
Aperture Uncertainty (Jitter)
The sample-to-sample variation in aperture delay.
Clock Pulse Width/Duty Cycle
The duty cycle of a clock signal is the ratio of the time
the clock signal remains at a logic high (clock pulse
width) to the period of the clock signal. Duty cycle is
typically expressed as a percentage. A perfect
differential sine wave clock results in a 50% duty cycle.
Maximum Conversion Rate
The maximum sampling rate at which certified
operation is given. All parametric testing is performed
at this sampling rate unless otherwise noted.
Minimum Conversion Rate
The minimum sampling rate at which the ADC
functions.
Differential Nonlinearity (DNL)
An ideal ADC exhibits code transitions at analog input
values spaced exactly 1 LSB apart. The DNL is the
deviation of any single step from this ideal value,
measured in units of LSB.
Integral Nonlinearity (INL)
The INL is the deviation of the ADC’s transfer function
from a best fit line determined by a least squares curve
fit of that transfer function, measured in units of LSB.
Gain Error
The gain error is the deviation of the ADC’s actual input
full-scale range from its ideal value. The gain error is
given as a percentage of the ideal input full-scale range.
Offset Error
The offset error is the difference, given in number of
LSBs, between the ADC’s actual value average idle
channel output code and the ideal average idle channel
output code. This quantity is often mapped into mV.
PSRR
The maximum change in offset voltage divided by the
total change in supply voltage, in units of mV/V.
Temperature Drift
The temperature drift coefficient (with respect to gain
error and offset error) specifies the change per degree
Celsius of the parameter from TMIN or TMAX. It is
computed as the maximum variation of that parameter
over the whole temperature range divided by TMAX −
TMIN.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the power of the fundamental (PS)
to the noise floor power (PN), excluding the power at dc
and the first five harmonics.
SNR
+ 10Log
10
P
S
P
N
SNR is either given in units of dBc (dB to carrier) when
the absolute power of the fundamental is used as the
reference or dBFS (dB to full scale) when the power of
the fundamental is extrapolated to the converter’s
full-scale range.
Signal-to-Noise and Distortion (SINAD)
SINAD is the ratio of the power of the fundamental (PS)
to the power of all the other spectral components
including noise (PN) and distortion (PD), but excluding
dc.
SINAD
+ 10Log
10
P
S
P
N
) P
D
SINAD is either given in units of dBc (dB to carrier) when
the absolute power of the fundamental is used as the
reference or dBFS (dB to full scale) when the power of
the fundamental is extrapolated to the converter’s
full-scale range.
Total Harmonic Distortion (THD)
THD is the ratio of the fundamental power (PS) to the
power of the first five harmonics (PD).
THD
+ 10Log
10
P
S
P
D
THD is typically given in units of dBc (dB to carrier).
Power Up Time
The difference in time from the point where the supplies
are stable at
±5% of the final value, to the time the ac
test is past.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com