Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC08B200CIVS/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08B200CIVS/NOPB
Description  200 MSPS A/D Converter with Capture Buffer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08B200CIVS/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADC08B200CIVS/NOPB Datasheet HTML 11Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 12Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 13Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 14Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 15Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 16Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 17Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 18Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
ADC08B200
www.ti.com
SNAS388F – MARCH 2007 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS
VA = VD = VP = VDR = 3.3V, fCLK = 200 MHz, fIN = 50 MHz, PLL & Buffer bypassed, TA = 25°C, unless otherwise stated
INL
INL vs. Supply Voltage
Figure 8.
Figure 9.
INL vs. Temperature
INL vs. Sample Rate
Figure 10.
Figure 11.
DNL
DNL vs. Supply Voltage
Figure 12.
Figure 13.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com