Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR14E Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LR14E
Description  LINEARlight ECO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR14E Datasheet(HTML) 1 Page - OSRAM GmbH

  LR14E Datasheet HTML 1Page - OSRAM GmbH LR14E Datasheet HTML 2Page - OSRAM GmbH LR14E Datasheet HTML 3Page - OSRAM GmbH LR14E Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LINEARlight ECO LR14E – 10.04.2012
Seite 1 von 4
www.osram.de/LED-Systeme
LINEARlight ECO - LR14E
preliminary Datasheet
Technical Operating Data
 Seamless concept with up to 16 modules in series
 Lifetime 50.000 h @L70 @t
cmax 65°C
 Best efficacy in combination with OSRAM
OPTOTRONIC® control gears
 Operation only with constant voltage control gears
(see page 2 for recommendations)
 With optional accessory upgrade to individual overall
modules possible (see page 4)
 FR4 board equipped with 14 LEDs
 Luminous flux 700 lm/m
 SMD-4 plug connector (male/female) on both
sides of the PCB
 Consistent white light < 3 SDCM
 Color rendering Ra typ. 85
 Mounting holes for simple fixing with M3 screws
 Dimmable
Technical Features
Product benefits
 Broad portfolio (Eco, Advanced, Power) with the same
form factor offering high variety in luminous flux and color
temperatures while being simply exchangeable
 Modules can be joined together in series to make
seamless strip lighting, without any further accessory
 Intermateable with LINEARlight Power and Advanced
 Low maintenance costs thanks to a life of up to 50k hours
 Module efficiency up to 87 lm/W
Applications
 Shelf & cupboard lighting
 Background lighting
200
4000
120
2,3
24
14
Weiß
LR14E-W2F-840
200
3000
120
2,3
24
14
Weiß
LR14E-W2F-830
Lum. Flux
[lm]
Color Temp.
[K]*
Radiance
Angle [°]*
Power
[W]*
Voltage
[V DC]*
Number
of LEDs
Color
Product
All Data are related to the entire module
Due to the special conditions of the manufacturing processes of LED the typical data of technical parameters can only reflect statistical figures
and do not necessarily correspond to the actual parameters of each single product which could differ from the typical data
*) Preliminary Data


Similar Part No. - LR14E

ManufacturerPart #DatasheetDescription
logo
Energizer
LR14 ENERGIZER-LR14 Datasheet
2Mb / 1P
Zinc-manganese Dioxide No added mercury or cadmium
logo
Seoul Semiconductor
LR140Z SEOUL-LR140Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LR141 SEOUL-LR141 Datasheet
376Kb / 14P
INFRARED LAMP LED
LR141 SEOUL-LR141 Datasheet
360Kb / 13P
CYAN LAMP LED
LR141 SEOUL-LR141 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LR14E

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LM10A OSRAM-LM10A Datasheet
180Kb / 4P
LINEARlight Flex
LM11A OSRAM-LM11A Datasheet
113Kb / 4P
LINEARlight Flex
LM10L OSRAM-LM10L Datasheet
130Kb / 4P
LINEARlight Colormix Flex
logo
List of Unclassifed Man...
70218 ETC2-70218 Datasheet
339Kb / 4P
LINEARlight Colorpod XB
logo
OSRAM GmbH
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
LINEARlight Flex
LF05E2 OSRAM-LF05E2 Datasheet
482Kb / 6P
LINEARLIGHT FLEX ECO
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
LINEARlight POWER Flex
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
LINEARLIGHT POWER FLEX
LR21P OSRAM-LR21P Datasheet
195Kb / 4P
LINEARlight POWER
LR18CP OSRAM-LR18CP Datasheet
149Kb / 4P
LINEARlight Colormix Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com