Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR14E Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LR14E
Description  LINEARlight ECO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR14E Datasheet(HTML) 4 Page - OSRAM GmbH

  LR14E Datasheet HTML 1Page - OSRAM GmbH LR14E Datasheet HTML 2Page - OSRAM GmbH LR14E Datasheet HTML 3Page - OSRAM GmbH LR14E Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LINEARlight ECO LR14E – 10.04.2012
Seite 4 von 4
www.osram.de/LED-Systeme
140
4008321 976024
OPLR1x1-80
Optic 80°
16
4008321 994424
LT-MB
LINEARlight Track Mounting bracket
8
4008321 994448
OTR-280-LR14A/E
Optic Tray
140
4008321 976000
OPLR1x1-30
Optic 30°
8
4008321 975966
LT-280
LINEARlight Track
8
4008321 975980
LT-560
LINEARlight Track
16
4008321 976109
LT-ENDCAP
LINEARlight Track end caps
16
4008321 971814
LR-4CONN-45
CONNECTsystem
16
4008321 994400
LR-4CONN-250
CONNECTsystem
8
4008321 971579
LR14E-W2F-840
LINEARlight ECO
16
4008321 971852
LR-4PIN-500
CONNECTsystem feeder
140
4008321 976048
OPLR1x1-20x50
Optic 20°x 50°
4008321 971555
EAN*
8
LR14E-W2F-830
LINEARlight ECO
S-Unit*
Product
Product group
Ordering Guide
Sales and Technical Support
*) EAN: Ordering number per single module
S-Unit: Modules per shipping unit
Note: Typical performance data are subject to change without any further notice, particularly as LED technology evolves.
Related and Further Information
130 T008 DE www.osram.de/evg-downloads
OPTOTRONIC® Technical Guide
www.osram.de/led-systeme
OSRAM LED Systeme
http://catalog.myosram.com
OPTOTRONIC® Data sheets
153 S006 GB
A new approach to light
Sales and technical support is given by the local
OSRAM subsidiaries.
On our world wide homepage all OSRAM
subsidiaries are listed with complete address
and phone numbers.
OSRAM AG
Hellabrunner Strasse 1
D - 81536 München Germany
www.osram.com
+49 (0)89 6213-0
www.osram.de/evg-downloads
New standards for LED control gear
www.osram.de/led-systeme-downloads
Eulumdat Files
Assembly Information
 The mounting of the module has to be done on a metal heat sink
 In order to optimize the thermal management the metal surface needs to be clean (dirt and oil free) and
planar for the best contact with the LED module.
 To connect one module, the feeder LR-4PIN-500 must be plugged in the "INPUT" side of the module.
for two or more modules, the "OUTPUT"-side of the first module must be connected with the "INPUT"-side
of following module via LR-4CONN-45 / -250. Please connect more boards as described above.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com