Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VF600-G2 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # VF600-G2
Description  Value Flex
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

VF600-G2 Datasheet(HTML) 1 Page - OSRAM GmbH

  VF600-G2 Datasheet HTML 1Page - OSRAM GmbH VF600-G2 Datasheet HTML 2Page - OSRAM GmbH VF600-G2 Datasheet HTML 3Page - OSRAM GmbH VF600-G2 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VF600 - G2
– 20.05.2015
Page 1 of 4
www.osram.com
OSRAM APAC
Value Flex
– VF600-G2
Technical Datasheet
Technical Operating Data
Product
Color
No. of
LEDs
Voltage
[V DC]*
Power
[W]*
Current
[A]*
Wavelength
Color Temp
[K]*
Lum. Flux
[lm]/meter *
Lum. Flux
[lm]/chain*
VF600-G2-827-06
White
216
24
46.0
1.92
2700 K
600
3600
VF600-G2-830-06
White
216
24
46.0
1.92
3000 K
600
3600
VF600-G2-840-06
White
216
24
46.0
1.92
4000 K
700
4200
VF600-G2-865-06
White
216
24
46.0
1.92
6500 K
700
4200
 Size of printed circuit board (L x W x H):
5998 mm x 8 mm x 1.8 mm
 Size of smallest unit : 166mm
 The LED pitch is 27.78mm
 Connection possible at the reel end or at the cut points
 24V Constant Voltage LED modules
 Colour consistency <4 SCDM
 CRI 80
 Linear LED strip on flexible printed circuit board with
self-adhesive tape at the back allow for easy mounting
 Up to 35,000 hrs lifetime @ Tc = 60
℃
Technical Features
Benefits
 Energy saving low-power LED flexible strip
 Easy installation with Track
 Multi cut-able with IP20 connectors
 Available in warm white and cold white
 120ºviewing angle per module
 Dimmable
Applications
 Hospitality Lighting
 Cabinet Lighting
 Signage
 Architecture lighting
 Wall integration
*) All Data are related to the entire module.
Due to the special conditions of the manufacturing processes of LED the typical data of technical parameters can only reflect statistical figures and do not
necessarily correspond to the actual parameters of each single product which could differ from the typical data.


Similar Part No. - VF600-G2

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
VF600V102YC125 AICTECH-VF600V102YC125 Datasheet
95Kb / 6P
Useful of 4,000 hours at 85ºC
VF600V152YD107 AICTECH-VF600V152YD107 Datasheet
95Kb / 6P
Useful of 4,000 hours at 85ºC
VF600V182YD123 AICTECH-VF600V182YD123 Datasheet
95Kb / 6P
Useful of 4,000 hours at 85ºC
VF600V182YE095 AICTECH-VF600V182YE095 Datasheet
95Kb / 6P
Useful of 4,000 hours at 85ºC
VF600V222YD147 AICTECH-VF600V222YD147 Datasheet
95Kb / 6P
Useful of 4,000 hours at 85ºC
More results

Similar Description - VF600-G2

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PS240128WRF POWERTIP-PS240128WRF Datasheet
445Kb / 27P
Standard Value
PS320240T POWERTIP-PS320240T Datasheet
423Kb / 28P
STANDARD VALUE
logo
Texas Instruments
CC110L TI1-CC110L_12 Datasheet
1Mb / 85P
Value Line Transceiver
logo
Murata Manufacturing Co...
SV03A103AEA01B00 MURATA-SV03A103AEA01B00 Datasheet
191Kb / 3P
Total Resistance Value
logo
OSRAM GmbH
VF1500-G1 OSRAM-VF1500-G1 Datasheet
380Kb / 4P
Value Flex
VF900-G2 OSRAM-VF900-G2 Datasheet
382Kb / 4P
Value Flex
VFP1300-G1 OSRAM-VFP1300-G1 Datasheet
397Kb / 4P
Value Flex Protect
VFP900-G2 OSRAM-VFP900-G2 Datasheet
394Kb / 4P
Value Flex Protect
VFP600-G2 OSRAM-VFP600-G2 Datasheet
394Kb / 4P
Value Flex Protect
logo
Festo Corporation.
542117 FESTO-542117 Datasheet
75Kb / 2P
Measured-value transducer
4/20/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com