| Electronic Components Datasheet Search |
|
VF600-G2 Datasheet(PDF) 2 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
VF600-G2 Datasheet(HTML) 2 Page - OSRAM GmbH |
|
2 / 4 page ![]() VF600 - G2 – 20.05.2015 Page 2 of 4 www.osram.com OSRAM APAC Minimum / Maximum Ratings Product Operating Temperature at Tc-Point [°C]* Storage Temperature [°C]* Voltage Range [V dc]* Reverse Voltage [V dc]* VF600-G2-827-06 - 10 … 60 - 20 … 65 23 … 25 25 VF600-G2-830-06 - 10 … 60 - 20 … 65 23 … 25 25 VF600-G2-840-06 - 10 … 60 - 20 … 65 23 … 25 25 VF600-G2-865-06 - 10 … 60 - 20 … 65 23 … 25 25 *) Exceeding maximum ratings for operating and storage temperature will reduce expected life time or destroy the LED Modules. Exceeding maximum ratings for operating voltage will cause hazardous overload and will likely destroy the LED Modules. The temperature of the LED modules must be measured at the Tc-point according to EN60598-1 in a thermally constant status with a temperature sensor or a temperature sensitive label. Dimension Safety Information The LED module itself and all its components must not be mechanically stressed. Assembly must not damage or destroy conducting paths on the circuit board. To avoid mechanical damage, the LED modules should be attached securely to the intended substrate. Heavy vibration should be avoided. The LED module incorporates no protection against short circuits, overload or overheating. In order to drive OSRAM LED-Modules safely, it is absolutely necessary to operate them with an electronically stabilized power supply protecting against short circuits, overload and overheating. For dimming applications attention should be paid to specific references in “OPTOTRONIC ® Technical Guide”. To also ease the luminaire/installation approval, electronic control gear for LED or LED modules must carry the CE mark. In Europe the declarations of conformity must include the following standards: CE: EN 61347-2-13, EN 55015, EN 61547 and EN 61000-3-2. Also check for the mark of an independent authorized certification institute. Please see the relevant application guides for more detailed information. When using power supplies other than OPTOTRONIC ® the following basic safety features are required, in addition to any other application specific concerns and local safety codes. OSRAM OPTOTRONIC® electronic control gear complies to all relevant standards and guarantees safe operation. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |