Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VFP900-G2 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # VFP900-G2
Description  Value Flex Protect
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

VFP900-G2 Datasheet(HTML) 1 Page - OSRAM GmbH

  VFP900-G2 Datasheet HTML 1Page - OSRAM GmbH VFP900-G2 Datasheet HTML 2Page - OSRAM GmbH VFP900-G2 Datasheet HTML 3Page - OSRAM GmbH VFP900-G2 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VFP900 - G2
– 20.05.2015
Page 1 of 4
www.osram.com
OSRAM APAC
Value Flex Protect -- VFP900-G2
Technical Datasheet
Technical Operating Data
Product
Color
No. of
LEDs
Voltage
[V DC]*
Power
[W]*
Current
[A]*
Wavelength
Color Temp
[K]*
Lum. Flux
[lm]/meter *
Lum. Flux
[lm]/chain*
VFP900-G2-827-05
White
270
24
61.2
2.55
2700 K
850
4250
VFP900-G2-830-05
White
270
24
61.2
2.55
3000 K
850
4250
VFP900-G2-840-05
White
270
24
61.2
2.55
4000 K
900
4500
VFP900-G2-865-05
White
270
24
61.2
2.55
6500 K
900
4500
 Size of printed circuit board (L x W x H):
4965 mm x 11 mm x 4.8 mm
 Size of smallest unit : 109mm
 The LED pitch is 18.2mm
 Connection possible at the reel end or at the cut points
 24V Constant Voltage LED modules
 Colour consistency <4 SCDM
 CRI 80
 Linear LED strip on flexible printed circuit board with
self-adhesive tape at the back allow for easy mounting
 Up to 35,000 hrs lifetime @ Tc = 60
℃.
 Accessories:
− 3M UR connector x 4pcs
− End cap x 10pcs
− Mounting clips x 20pcs
− 2.5mm x 10mm Screws x 40pcs
Technical Features
Benefits
 Energy saving low-power LED flexible strip
 Easy installation with Track
 Multi cut-able with IP54 connectors
 Available in warm white and cold white
 120ºviewing angle per module
 IP66 Protection
 Dimmable
Applications
 Hospitality Lighting
 Cabinet Lighting
 Signage
 Architecture lighting
 Wall integration
*) All Data are related to the entire module.
Due to the special conditions of the manufacturing processes of LED the typical data of technical parameters can only reflect statistical figures and do not
necessarily correspond to the actual parameters of each single product which could differ from the typical data.


Similar Part No. - VFP900-G2

ManufacturerPart #DatasheetDescription
logo
Vatronics Technologies ...
VFP VATRONICS-VFP Datasheet
81Kb / 2P
Film Polyester Capacitors
logo
fujitsu semiconductor
VFP-12HU FUJITSU-VFP-12HU Datasheet
184Kb / 9P
1 POLE - 20/25/30A - Heavy power control
VFP-12LU FUJITSU-VFP-12LU Datasheet
184Kb / 9P
1 POLE - 20/25/30A - Heavy power control
VFP-12MU FUJITSU-VFP-12MU Datasheet
184Kb / 9P
1 POLE - 20/25/30A - Heavy power control
VFP-18HU FUJITSU-VFP-18HU Datasheet
184Kb / 9P
1 POLE - 20/25/30A - Heavy power control
More results

Similar Description - VFP900-G2

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PS240128WRF POWERTIP-PS240128WRF Datasheet
445Kb / 27P
Standard Value
PS320240T POWERTIP-PS320240T Datasheet
423Kb / 28P
STANDARD VALUE
logo
OSRAM GmbH
LF05CE-P OSRAM-LF05CE-P Datasheet
518Kb / 4P
LINEARlight Colormix Flex Protect
LF06A-P OSRAM-LF06A-P Datasheet
567Kb / 4P
LINEARlight Flex Protect ADVANCED
VF1500-G1 OSRAM-VF1500-G1 Datasheet
380Kb / 4P
Value Flex
VF900-G2 OSRAM-VF900-G2 Datasheet
382Kb / 4P
Value Flex
VF600-G2 OSRAM-VF600-G2 Datasheet
379Kb / 4P
Value Flex
VFP1300-G1 OSRAM-VFP1300-G1 Datasheet
397Kb / 4P
Value Flex Protect
VFP600-G2 OSRAM-VFP600-G2 Datasheet
394Kb / 4P
Value Flex Protect
logo
Lapp.
61742400 LAPP-61742400 Datasheet
104Kb / 2P
Shrink tube PROTECT
09.11.2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com