Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VFP900-G2 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # VFP900-G2
Description  Value Flex Protect
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

VFP900-G2 Datasheet(HTML) 4 Page - OSRAM GmbH

  VFP900-G2 Datasheet HTML 1Page - OSRAM GmbH VFP900-G2 Datasheet HTML 2Page - OSRAM GmbH VFP900-G2 Datasheet HTML 3Page - OSRAM GmbH VFP900-G2 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VFP900 - G2
– 20.05.2015
Page 4 of 4
www.osram.com
OSRAM APAC
Product code
Product name
EAN 10*
S-Unit*
VFP900-G2-827-05
Value Flex Protect 900lm/m G2 2700K
4052899316461
20
VFP900-G2-830-05
Value Flex Protect 900lm/m G2 3000K
4052899316485
20
VFP900-G2-840-05
Value Flex Protect 900lm/m G2 4000K
4052899316508
20
VFP900-G2-865-05
Value Flex Protect 900lm/m G2 6500K
4052899316522
20
Sales and Technical Support
Ordering Guide
* EAN 10: Ordering number per single sale unit
* S-Unit: Modules / accessory number per shipping unit
Note: Typical performance data are subject to change without any further notice, particularly as LED technology evolves.
OSRAM Asia Pacific
5/F, Hantang Building, OCT
Shennan Ave, Nan Shan District,
518053, Shenzhen, Guangdong, P.R.
China
www.osram.com
Sales and technical support is given by the
local OSRAM subsidiaries.
On our world wide homepage all OSRAM
subsidiaries are listed with complete address
and phone numbers.
SLIMCONNECT (IP54) System
Product code
EAN 10*
S-Unit*
LF-2PIN Flex IP SC
4008321841902
10
LF-CONN Flex SC
4008321832467
25
LF-CONN Flex IP SC
4008321841926
25
Board to board connection
through combination of both!



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com