Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7744EC/1K Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7744EC/1K
Description  16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7744EC/1K Datasheet(HTML) 2 Page - Texas Instruments

  DAC7744EC/1K Datasheet HTML 1Page - Texas Instruments DAC7744EC/1K Datasheet HTML 2Page - Texas Instruments DAC7744EC/1K Datasheet HTML 3Page - Texas Instruments DAC7744EC/1K Datasheet HTML 4Page - Texas Instruments DAC7744EC/1K Datasheet HTML 5Page - Texas Instruments DAC7744EC/1K Datasheet HTML 6Page - Texas Instruments DAC7744EC/1K Datasheet HTML 7Page - Texas Instruments DAC7744EC/1K Datasheet HTML 8Page - Texas Instruments DAC7744EC/1K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
®
DAC7744
DAC7744E
DAC7744EB
DAC7744EC
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Linearity Error
T = 25
°C
±3
T
±2
LSB
TMIN to TMAX
±4
T
±3
LSB
Linearity Match
±4
T
±2
LSB
Differential Linearity Error
T = 25
°C
±3
±2
±1
LSB
TMIN to TMAX
±3
±2
±1
LSB
Monotonicity, TMIN to TMAX
14
15
16
Bits
Bipolar Zero Error
T = 25
°C
±0.01
±0.025
TT
% of FSR
Bipolar Zero Error, TMIN to TMAX
±0.05
TT
% of FSR
Full-Scale Error
T = 25
°C
±0.025
TT
% of FSR
Full-Scale Error, TMIN to TMAX
±0.05
TT
% of FSR
Bipolar Zero Matching
Channel-to-Channel
±0.024
TT
% of FSR
Matching
Full-Scale Matching
Channel-to-Channel
±0.024
TT
% of FSR
Matching
Power Supply Rejection Ratio (PSRR)
At Full Scale
25
TT
ppm/V
ANALOG OUTPUT
Voltage Output
VREFLVREFH
TT
T
T
V
Output Current
±5
TT
mA
Maximum Load Capacitance
500
TT
pF
Short-Circuit Current
±20
TT
mA
Short-Circuit Duration
To VSS, VDD or GND
Indefinite
TT
REFERENCE INPUT
Ref High Input Voltage Range
VREFL + 1.25
+10
TT
T
T
V
Ref Low Input Voltage Range
–10
VREFH – 1.25
TT
T
T
V
Ref High Input Current
–0.3
2.6
TT
mA
Ref Low Input Current
–3.2
–0.3
TT
mA
DYNAMIC PERFORMANCE
Settling Time
To
±0.003%, 20V
9
11
TT
T
T
µs
Output Step
Channel-to-Channel Crosstalk
See Figure 5
0.5
TT
LSB
Digital Feedthrough
2
TT
nV-s
Output Noise Voltage
f = 10kHz
60
TT
nV/
√Hz
DIGITAL INPUT
VIH
0.7 • VDD
VDD
TT
V
VIL
0
0.3 • VDD
T
V
IIH
±10
T
µA
IIL
±10
T
µA
DIGITAL OUTPUT
VOH
IOH = –0.8mA
3.6
4.5
TT
TT
V
VOL
IOL = 1.6mA
0.3
0.4
TT
T
T
V
POWER SUPPLY
VDD
+4.75
+5.0
+5.25
TTT
TT
T
V
VCC
+14.25
+15.0
+15.75
TTT
TT
T
V
VSS
–14.25
–15.0
–15.75
TTT
TT
T
V
IDD
50
TT
µA
ICC
6
TT
mA
ISS
–5
TT
mA
Power
170
200
TT
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
T
T
°C
T Specifications same as grade to the left.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
SPECIFICATIONS (Dual Supply)
At TA = TMIN to TMAX, VCC = +15V, VDD = +5V, VSS = –15V, VREFH = +10V, and VREFL = –10V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com