Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7744EC/1K Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7744EC/1K
Description  16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7744EC/1K Datasheet(HTML) 4 Page - Texas Instruments

  DAC7744EC/1K Datasheet HTML 1Page - Texas Instruments DAC7744EC/1K Datasheet HTML 2Page - Texas Instruments DAC7744EC/1K Datasheet HTML 3Page - Texas Instruments DAC7744EC/1K Datasheet HTML 4Page - Texas Instruments DAC7744EC/1K Datasheet HTML 5Page - Texas Instruments DAC7744EC/1K Datasheet HTML 6Page - Texas Instruments DAC7744EC/1K Datasheet HTML 7Page - Texas Instruments DAC7744EC/1K Datasheet HTML 8Page - Texas Instruments DAC7744EC/1K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
®
DAC7744
ABSOLUTE MAXIMUM RATINGS(1)
VCC to VSS ........................................................................... –0.3V to +32V
VCC to AGND ...................................................................... –0.3V to +16V
VSS to AGND ...................................................................... +0.3V to –16V
AGND to DGND ................................................................. –0.3V to +0.3V
VREFH to AGND ..................................................................... –9V to +11V
VREFL to AGND ...................................................................... –11V to +9V
VDD to GND ........................................................................... –0.3V to +6V
VREFH to VREFL ........................................................................ –1V to 22V
Digital Input Voltage to GND ................................... –0.3V to VDD + 0.3V
Digital Output Voltage to GND ................................. –0.3V to VDD + 0.3V
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ........................................ –40
°C to +85°C
Storage Temperature Range ......................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION
LINEARITY
DIFFERENTIAL
PACKAGE
SPECIFICATION
ERROR
NONLINEARITY
DRAWING
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
(LSB)
(LSB)
PACKAGE
NUMBER
RANGE
NUMBER(1)
MEDIA
DAC7744E
±4
±3
48-Lead SSOP
333
–40
°C to +85°C
DAC7744E
Rails
""
"
"
"
"
DAC7744E/1K
Tape and Reel
DAC7744EB
±4
±2
48-Lead SSOP
333
–40
°C to +85°C
DAC7744EB
Rails
""
"
"
"
"
DAC7744EB/1K
Tape and Reel
DAC7744EC
±3
±1
48-Lead SSOP
333
–40
°C to +85°C
DAC7744EC
Rails
""
"
"
"
"
DAC7744EC/1K
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /1K indicates 1000 devices per reel). Ordering 1000 pieces
of “DAC7744E/1K” will get a single 1000-piece Tape and Reel.
RefH
V
OUT Sense
V
CC
V
SS
V
DD
DGND
4
V
CC
AGND
V
SS
V
DD
DGND
V
OUT
RefH Sense
RefL Sense
RefL
1 of 2
1 of 4
Typ of Each
Logic Input Pin
Typ of Each
I/O Pin
ESD PROTECTION CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com