Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8760IPWPR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8760IPWPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC8760IPWPR Datasheet HTML 14Page - Texas Instruments DAC8760IPWPR Datasheet HTML 15Page - Texas Instruments DAC8760IPWPR Datasheet HTML 16Page - Texas Instruments DAC8760IPWPR Datasheet HTML 17Page - Texas Instruments DAC8760IPWPR Datasheet HTML 18Page - Texas Instruments DAC8760IPWPR Datasheet HTML 19Page - Texas Instruments DAC8760IPWPR Datasheet HTML 20Page - Texas Instruments DAC8760IPWPR Datasheet HTML 21Page - Texas Instruments DAC8760IPWPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
20
30
40
50
60
70
0
20
40
60
80
100
Load Capacitor (nF)
C002
AVDD = +18 V
AVSS = -18 V
CMP = 100 pF
0
50
100
150
200
250
0
200
400
600
800
1000
Load Capacitor (nF)
C003
AVDD = +18 V
AVSS = -18 V
CMP = 470 pF
Time (20 µs/div)
VOUT
LATCH
C001
AVDD = +24 V
AVSS = -12 V
From code: FFFFh
To code:
0000h
“10 V range
C
LOAD = 200 pF
0
10
20
30
40
50
60
0
5
10
15
20
25
Load Capacitor (nF)
C001
AVDD = +18 V
AVSS = -18 V
CMP = 0 pF
-0.010
-0.008
-0.006
-0.004
-0.002
0.000
0.002
0.004
0.006
0.008
0.010
-25
-20
-15
-10
-5
0
5
10
15
20
25
Source / Sink Current (mA)
C009
AVDD = +12 V
AVSS = -12 V
±10 V range
Time (20 µs/div)
VOUT
LATCH
C001
AVDD = +24 V
AVSS = -12 V
From code: 0000h
To code:
FFFFh
“10 V range
C
LOAD = 200 pF
18
DAC7760, DAC8760
SBAS528B – JUNE 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, unless otherwise noted.
Figure 34. VOUT (Zero-Scale) vs Load Current
(Source or Sink)
Figure 35. BP10V Rising
Figure 36. BP10V Falling
Figure 37. VOUT Settling Time vs Load
(No Compensation Capacitor)
Figure 38. VOUT Settling Time vs LOAD
(100 pF Between VOUT and CMP Pins)
Figure 39. VOUT Settling Time vs LOAD
(470 pF Between VOUT and CMP Pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com