Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8760IPWPR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8760IPWPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC8760IPWPR Datasheet HTML 22Page - Texas Instruments DAC8760IPWPR Datasheet HTML 23Page - Texas Instruments DAC8760IPWPR Datasheet HTML 24Page - Texas Instruments DAC8760IPWPR Datasheet HTML 25Page - Texas Instruments DAC8760IPWPR Datasheet HTML 26Page - Texas Instruments DAC8760IPWPR Datasheet HTML 27Page - Texas Instruments DAC8760IPWPR Datasheet HTML 28Page - Texas Instruments DAC8760IPWPR Datasheet HTML 29Page - Texas Instruments DAC8760IPWPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
DAC
GND
DACx760
AVDD
DVDD-EN
AVSS
DVDD
Pre-
Conditioning
Current
Source
I
ENABLE
ISET-R
I
GAIN
V
GAIN
V
ENABLE
Current Output Stage
Voltage Output Stage
Watchdog
Timer
Slew Rate
Control
User Calibration
Gain/Offset
Register
DAC Input
Register
Thermal
Alarm
Internal
Reference
CMP
–VSENSE
+VSENSE
VOUT
IOUT
ALARM
BOOST
REFOUT
REFIN
HART-IN
LATCH
SCLK
DIN
SDO
CLR
CLR-SEL
Copyright © 2016, Texas Instruments Incorporated
26
DAC7760, DAC8760
SBAS528B – JUNE 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The DAC8760 and DAC7760 are low-cost, precision, fully-integrated, 16-bit an 12-bit digital-to-analog converters
(DACs) designed to meet the requirements of industrial process control applications. These devices can be
programmed as a current output with a range of 4 mA to 20 mA, 0 mA to 20 mA, or 0 mA to 24 mA; or as a
voltage output with a range of 0 V to 5 V, 0 V to 10 V, ±5 V, or ±10 V, with a 10% overrange (0 V to 5.5 V, 0 V to
11 V, ±5.5 V, or ±11 V). Both current and voltage outputs can be simultaneously enabled while being controlled
by a single data register.
These devices include a power-on-reset function to ensure powering up in a known state (both IOUT and VOUT
are disabled and in a high-impedance state). The CLR and CLR-SEL pins set the voltage outputs to zero-scale
or mid-scale, and the current output to the low-end of the range, if the output is enabled. Zero code error and
gain error calibration registers can be programmed to digitally calibrate the device in the end system. The output
slew rate is also programmable. These devices can AC couple an external HART signal on the current output
and can operate with either a single 10-V to 36-V supply, or dual supplies up to ±18 V.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 DAC Architecture
The DAC8760 and DAC7760 (DACx760) consist of a resistor-string digital-to-analog converter (DAC) followed by
a buffer amplifier. The output of the buffer drives the current output and the voltage output. The resistor-string
section is simply a string of resistors, each of value R, from REF to GND, as Figure 82 illustrates. This type of
architecture makes sure the DAC is monotonic. The 16-bit binary digital code (DAC8760) loaded to the DAC
register determines at which node on the string the voltage is tapped off before it is fed into the output amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com