Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83850CVF Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83850CVF
Description  100 Mb/s TX/T4 Repeater Interface Controller (100RIC??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83850CVF Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP83850CVF Datasheet HTML 8Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 9Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 10Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 11Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 12Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 13Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 14Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 15Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
3.0 Functional Description (Continued)
12
www.national.com
3.9 Management Bus
The task of network statistics gathering in a repeater sys-
tem is divided between the DP83850C and DP83856
devices. Together, these devices collect all the required
management information (compliant to IEEE 802.3u clause
30) associated with a packet.
Each time a packet is received by a DP83850C, it drives
the device and the port number onto the management bus
in 3 contiguous nibbles of data.
During a single reception, only one DP83850C drives this
information onto the management bus. During a collision,
the management bus will TRI-STATE (because the infor-
mation on this bus becomes invalid).
The first nibble of management data contains the least sig-
nificant 4 bits of the RID number, the second contains the
most significant bit of the RID number and the third con-
tains the number of the receiving port.
When the 100RIC is not receiving a packet, it monitors the
RID numbers from other 100RICs.
If there is a match
between any of these numbers and 100RIC’s own RID,
then a RID contention error signal (RID_ER) is asserted.
The management bus also indicates whether an elasticity
buffer error (due to under-run or over-run) has occurred by
asserting the /M_ER signal.
3.10 Management Event Flags and Counters
Repeater management statistics are supported either
directly by using the DP83850C's on-chip event flags and
counters, or indirectly, by the DP83850C providing the
information to the DP83856 via the management and
transmit bus.
Management
information
is
maintained
within
the
DP83850C in two ways: event flags and counters.
3.10.1 Event Flags
These are the events that provide a snapshot of the opera-
tion of the DP83850C. These events include:
s Auto-Partition State, indicating whether a port is current-
ly partitioned.
s Jabber State, indicating whether a port is in jabber state.
s Administration State, indicating if a port is disabled.
3.10.2 Event Counters
The event counters maintain the statistics for events that
occur too frequently for polled flags, or are collision ori-
ented. Each port has its own set of event counters that
keep track of the following events:
s Port Collisions. A 32-bit counter providing the number of
collision occurrences on a port.
s Port Partitions. A 16-bit counter indicating the number of
times that the port has partitioned.
s Late Events. A 32-bit counter indicating the number of
times that a collision took place after 512 bit times (nom-
inal). In the case of late events, both the late event and
the collision counters will be incremented.
s Short Events. A 32-bits wide counter indicating the num-
ber of packets whose length is 76 bits (nominal) or less.
3.11 Serial Register Interface
The DP83850C has 64 registers held in two pages of 32
(Register Page 0 and Register Page 1). The registers are
16 bits wide. Only one page of registers can be accessed
at a time.
After power-up and/or reset, the DP83850C defaults to
Register Page 0. Register Page 1 can be accessed by writ-
ing 0001h to the PAGE register in Register Page 0, where-
upon further accesses will be to Register Page 1.
Figure 2. RID to /IR_VECT Mapping
Activity on the 100RIC
with RID=00010
Activity on the 100RIC
with RID=00011
/IR_Vect value on
the backplane
Activity on the 100RIC
with RID=00011
/IR_VECT value on
the backplane
Activity on the 100RIC
with RID=00010
RID=00010
RID=00011
00010
00011
00010
RID=00011
RID=00010
00010
00010
00011
One port left
One port left
Collision
Collision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com