Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83850CVF Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83850CVF
Description  100 Mb/s TX/T4 Repeater Interface Controller (100RIC??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83850CVF Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DP83850CVF Datasheet HTML 12Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 13Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 14Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 15Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 16Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 17Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 18Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 19Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
16
www.national.com
4.0 Registers
The DP83850C has 64 registers in 2 pages of 32 16-bit registers. At power-on and/or reset, the DP83850C defaults to
Page 0 registers. The register page can be changed by writing to the PAGE register in either register page. The register
page maps are given in sections 4.1 and 4.2, followed by a detailed description of the registers in sections 4.3 to 4.12.
4.1 Page 0 Register Map
Address
(hex)
Name
Access
Description
0
CONFIG
r/w
Sets the DP83850C configuration.
1
PAGE
r/w
Selects either register page 0 or 1.
2
PARTITION read only Indicates Auto-Partitioning status.
3
JABBER
read only Indicates Jabber status.
4
ADMIN
r/w
Port enable/disable, administration control/status.
5
DEVICEID
r/w
Accesses a) the DP83850C ID number configured externally on the RID[4:0] pins and
b) the last receiving port number. The DP83850C device number may be overwritten
after it has been latched at the end of reset: be careful not to have duplicate ID’s on
the same IR bus interface.
6
HUBID0
read only First 16 bits read from EEPROM.
7
HUBID1
read only Second 16 bits read from EEPROM.
8
P0_SE
r/w
Port 0: 32-bit ShortEvent counter (See access rules section 4.11).
9
P0_LE
r/w
Port 0: 32-bit LateEvent counter (See access rules section 4.11).
A
P0_COL
r/w
Port 0: 32-bit Collision counter (See access rules section 4.11).
B
P0_PART
r/w
Port 0: 16-bit Auto-Partition counter.
C
P1_SE
r/w
Port 1: 32-bit ShortEvent counter (See access rules section 4.11).
D
P1_LE
r/w
Port 1: 32-bit LateEvent counter (See access rules section 4.11).
E
P1_COL
r/w
Port 1: 32-bit Collision counter (See access rules section 4.11).
F
P1_PART
r/w
Port 1: 16-bit Auto-Partition counter.
10 - 13
P2_SE ...
P2_PART
r/w
Port 2 management counters (as per ports 0, 1 above).
14 - 17
P3_SE ...
P3_PART
r/w
Port 3 management counters (as per ports 0, 1 above).
18 - 1B
P4_SE ...
P4_PART
r/w
Port 4 management counters (as per ports 0, 1 above).
1C - 1F
P5_SE ...
P5_PART
r/w
Port 5 management counters (as per ports 0, 1 above).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com