Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90CF366MTDX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CF366MTDX/NOPB
Description  DS90CF3x6 3.3-V LVDS Receiver 24-Bit Or 18-Bit Flat Panel Display (FPD) Link, 85 MHz
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CF366MTDX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  DS90CF366MTDX/NOPB Datasheet HTML 1Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 2Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 3Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 4Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 5Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 6Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 7Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 8Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
DS90CF366, DS90CF386
SNLS055J – NOVEMBER 1999 – REVISED MAY 2016
www.ti.com
Product Folder Links: DS90CF366 DS90CF386
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 7
6.1
Absolute Maximum Ratings ...................................... 7
6.2
ESD Ratings.............................................................. 7
6.3
Recommended Operating Conditions ....................... 7
6.4
Thermal Information .................................................. 7
6.5
Electrical Characteristics........................................... 8
6.6
Switching Characteristics .......................................... 9
6.7
Timing Diagrams ....................................................... 9
6.8
Typical Characteristics ............................................ 16
7
Detailed Description ............................................ 17
7.1
Overview ................................................................ 17
7.2
Functional Block Diagrams ..................................... 17
7.3
Feature Description................................................. 18
7.4
Device Functional Modes........................................ 19
8
Application and Implementation ........................ 20
8.1
Application Information............................................ 20
8.2
Typical Applications ................................................ 20
9
Power Supply Recommendations ...................... 26
10
Layout................................................................... 26
10.1
Layout Guidelines ................................................. 26
10.2
Layout Examples................................................... 26
11
Device and Documentation Support ................. 28
11.1
Documentation Support ........................................ 28
11.2
Community Resources.......................................... 28
11.3
Trademarks ........................................................... 28
11.4
Electrostatic Discharge Caution ............................ 28
11.5
Glossary ................................................................ 28
12
Mechanical, Packaging, and Orderable
Information ........................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision I (April 2013) to Revision J
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
•
Changed Figure 8 and Figure 9 to clarify that TxIN on Tx is the same as RxOUT on Rx .................................................. 12
•
Changed title of DS90CF366 mapping to clarify the make-up of the LVDS lines ................................................................ 13
•
Deleted references to power sequencing requirements for FPD-Link I transmitters .......................................................... 19
Changes from Revision H (April 2013) to Revision I
Page
•
Changed layout of National Data Sheet to TI format ............................................................................................................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com