Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90CF366MTDX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CF366MTDX/NOPB
Description  DS90CF3x6 3.3-V LVDS Receiver 24-Bit Or 18-Bit Flat Panel Display (FPD) Link, 85 MHz
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CF366MTDX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  DS90CF366MTDX/NOPB Datasheet HTML 1Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 2Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 3Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 4Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 5Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 6Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 7Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 8Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Not to scale
1
RxOUT22
56
VCC
2
RxOUT23
55
RxOUT21
3
RxOUT24
54
RxOUT20
4
GND
53
RxOUT19
5
RxOUT25
52
GND
6
RxOUT26
51
RxOUT18
7
RxOUT27
50
RxOUT17
8
LVDS_GND
49
RxOUT16
9
RxIN0-
48
VCC
10
RxIN0+
47
RxOUT15
11
RxIN1-
46
RxOUT14
12
RxIN1+
45
RxOUT13
13
LVDS_VCC
44
GND
14
LVDS_GND
43
RxOUT12
15
RxIN2-
42
RxOUT11
16
RxIN2+
41
RxOUT10
17
RxCLKIN-
40
VCC
18
RxCLKIN+
39
RxOUT9
19
RxIN3-
38
RxOUT8
20
RxIN3+
37
RxOUT7
21
LVDS_GND
36
GND
22
PLL_GND
35
RxOUT6
23
PLL_VCC
34
RxOUT5
24
PLL_GND
33
RxOUT4
25
PWR_DWN
32
RxOUT3
26
RxCLKOUT
31
VCC
27
RxOUT0
30
RxOUT2
28
GND
29
RxOUT1
4
DS90CF366, DS90CF386
SNLS055J – NOVEMBER 1999 – REVISED MAY 2016
www.ti.com
Product Folder Links: DS90CF366 DS90CF386
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
DGG Package
56-Pin TSSOP
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com