Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT86RF211 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT86RF211
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT86RF211 Datasheet HTML 1Page - ATMEL Corporation AT86RF211 Datasheet HTML 2Page - ATMEL Corporation AT86RF211 Datasheet HTML 3Page - ATMEL Corporation AT86RF211 Datasheet HTML 4Page - ATMEL Corporation AT86RF211 Datasheet HTML 5Page - ATMEL Corporation AT86RF211 Datasheet HTML 6Page - ATMEL Corporation AT86RF211 Datasheet HTML 7Page - ATMEL Corporation AT86RF211 Datasheet HTML 8Page - ATMEL Corporation AT86RF211 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
1
Features
• Multiband Transceiver: 400 MHz to 950 MHz
• Monochip RF Solution: Transmitter-Receiver-Synthesizer
• Integrated PLL and VCO: No External Coil
• Very Resistant to Interferers by Design
• Digital Channel Selection
• 200 Hz Steps
• Data Rates up to 64 kbps with Data Clock and no Manchester Encoding Required
• High Output Power Allowing Very Low Cost Printed Antennas:
– +10 dBm in the 915 MHz Frequency Band
– +12 dBm in the 868 MHz Frequency Band
– +14 dBm in the 433 MHz Frequency Band
• FSK Modulation: Integrated Modulator and Demodulator
• Power Savings:
– Stand Alone "Sleep" Mode and "Wake-up" Procedures
– 8 Selectable Digital Levels for Output Power
– High Data Rate and Fast Settling Time of the PLL
– Oscillator Running Mode "Ready to Start"
– Analog FSK Discriminator Allowing Measurement and Correction of Frequency
Drifts
• 100% Digital Interface through R/W Registers Including:
– Digital RSSI
–V
CC Readout
Description
The AT86RF211 (aka: TRX01) is a single chip transceiver dedicated to low power
wireless applications, optimized for licence-free ISM band operations from 400 MHz to
950 MHz. Its flexibility and unique level of integration make it a natural choice for any
system related to telemetry, remote controls, alarms, radio modems, Automatic Meter
Reading, hand held terminals, high-tech toys, etc. The AT86RF211 makes bidirec-
tional communications affordable for applications such as secured transmissions with
hand-shake procedures, new features and services, etc. The AT86RF211 can easily
be configured to provide the optimal solution for the user’s application: choice of exter-
nal filters vs. technical requirements (bandwidth, selectivity, immunity, range, etc), and
software protocol (single channel, multiple channel, FHSS). The AT86RF211 is also
well adapted to battery operated systems, as it can be powered with only 2.4V. It also
offers a “Wake Up” receiver feature to save power by alerting the associated micro-
controller only when a valid inquiry is detected.
FSK
Transceiver for
ISM Radio
Applications
AT86RF211
(aka: TRX01)
Rev. 1942C–WIRE–06/02


Similar Part No. - AT86RF211

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF211S ATMEL-AT86RF211S Datasheet
135Kb / 15P
Transceiver for ISM Radio Applications
More results

Similar Description - AT86RF211

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
High Performance ISM Band FSK/ASK Transceiver IC
logo
List of Unclassifed Man...
IA4420 ETC1-IA4420 Datasheet
611Kb / 29P
Universal ISM Band FSK Transceiver
logo
ATMEL Corporation
AT86RF211S ATMEL-AT86RF211S Datasheet
135Kb / 15P
Transceiver for ISM Radio Applications
logo
Analog Devices
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
418Kb / 11P
UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
SI4420-D1-FT ETC2-SI4420-D1-FT Datasheet
620Kb / 33P
Si4420 Universal ISM Band FSK Transceiver
logo
Analog Devices
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
1Mb / 41P
Universal ISM Band FSK Transceiver
RFM12BP ETC2-RFM12BP Datasheet
339Kb / 8P
UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
logo
HOPE Microelectronics C...
RFM12B HOPE-RFM12B Datasheet
1Mb / 41P
Universal ISM Band FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com