Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT86RF211 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT86RF211
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT86RF211 Datasheet HTML 3Page - ATMEL Corporation AT86RF211 Datasheet HTML 4Page - ATMEL Corporation AT86RF211 Datasheet HTML 5Page - ATMEL Corporation AT86RF211 Datasheet HTML 6Page - ATMEL Corporation AT86RF211 Datasheet HTML 7Page - ATMEL Corporation AT86RF211 Datasheet HTML 8Page - ATMEL Corporation AT86RF211 Datasheet HTML 9Page - ATMEL Corporation AT86RF211 Datasheet HTML 10Page - ATMEL Corporation AT86RF211 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
7
AT86RF211
1942C–WIRE–06/02
Detailed Description
Frequency Synthesis
Crystal Reference Oscillator
The reference clock is based on a classical Colpitts architecture with three external
capacitors.
An XTAL with load capacitor in the range of 10 pF - 20 pF is recommended. The bias
circuitry of the oscillator is optimized to produce a low drive level for the XTAL. This
reduces XTAL aging. Any standard, parallel mode 10.245 MHz or 20.945 MHz crystal
canbeused.
Note:
The PLL is activated only when the oscillator is stabilized.
Figure 5. Crystal Oscillator Inputs
Figure 6. Typical Networks
Notes:
1. Various load capacitance (CL) crystals can be used. In case CL differs of 16 pF or 20 pF, the surrounding network (C1, C2)
must be re-calculated.
2. Thanks to the fine steps of the synthesizer (200 Hz), the trimmer capacitor can be replaced by a software adjustment.
Synthesizer
A high-speed, high-resolution multi-loop synthesizer is integrated. The synthesizer can
operate within two frequency bands: 400 MHz to 480 MHz and 800 MHz to 950 MHz. All
channels in these two bands can be selected through software programming (registers
F0 to F3). All circuitry is on-chip with the exception of the PLL loop filter. The phase
comparison is made thanks to a charge pump topology. Typical charge pump current is
225 µA.
XTAL1
XTAL2
C1 = 82 pF
C2 = 56 pF
XTAL1
XTAL2
CL = 16 pF
15 pF
6.5/30 pF
C1 = 68 pF
XTAL1
XTAL2
CL = 20 pF
33 pF
6.5/30 pF
C2 = 68 pF
(1)
(2)
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com