Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT88SC0104C Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory 1 Kbit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 9Page - ATMEL Corporation AT88SC0104C Datasheet HTML 10Page - ATMEL Corporation AT88SC0104C Datasheet HTML 11Page - ATMEL Corporation AT88SC0104C Datasheet HTML 12Page - ATMEL Corporation AT88SC0104C Datasheet HTML 13Page - ATMEL Corporation AT88SC0104C Datasheet HTML 14Page - ATMEL Corporation AT88SC0104C Datasheet HTML 15Page - ATMEL Corporation AT88SC0104C Datasheet HTML 16Page - ATMEL Corporation AT88SC0104C Datasheet HTML 17Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
AT88SC0104C
2021GS–SMEM–7/06
Packaging Information
Module Size: M2
Dimension*: 12.6 x 11.4 [mm]
Glob Top: Square - 8.8 x 8.8 [mm]
Thickness: 0.58 [mm]
Pitch: 14.25 mm
Ordering Code: MP
Module Size: M2
Dimension*: 12.6 x 11.4 [mm]
Glob Top: Round -
8.5 [mm]
Thickness: 0.58 [mm]
Pitch: 14.25 mm
∅
Ordering Code: MJ
*Note: The module dimensions listed refer to the dimensions of the exposed metal contact area. The actual dimensions
of the module after excise or punching from the carrier tape are generally 0.4 mm greater in both directions
(i.e., a punched M2 module will yield 13.0 x 11.8 mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com